Electronic Components Datasheet Search
  English  ▼

X  

MOR286R3SW/ES Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # MOR286R3SW/ES
Description  MOR Single and Dual DC/DC Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MOR286R3SW/ES Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

Back Button MOR286R3SW/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MOR286R3SW/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MOR286R3SW/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MOR286R3SW/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MOR286R3SW/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MOR286R3SW/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MOR286R3SW/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MOR286R3SW/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. MOR286R3SW/ES Datasheet HTML 10Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MOR Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 6 of 21
Rev G - 20060418
www.craneae.com
28 VOLT INPUT – 120 WATT
SMD NUMBERS
CASE DESIGNATOR
STANDARD MICROCIRCUIT
DRAWING (SMD)
5962-9954401HXC
5962-9954801HXC
5962-9954501HXC
5962-9954601HXC
5962-9954901HXC
5962-9955001HXC
5962-9956401HXC
5962-9956101HXC
5962-9956501HXC
5962-9956601HXC
5962-9956201HXC
5962-9956301HXC
MOR SERIES
SIMILAR PART
MOR283R3S/883
MOR2805S/883
MOR286R3S/883
MOR289R5S/883
MOR2812S/883
MOR2815S/883
MOR283R3D/883
MOR2805D/883
MOR286R3D/883
MOR289R5D/883
MOR2812D/883
MOR2815D/883
MOR
28 05 S
Y / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
Case/Lead Option
(Standard case – U – has no designator
in this position)
(S = single, D = dual)
(R = decimal point, 3R3 = 3.3 Vout)
(Standard screening has no designator in this position.)
For exact specifications for an SMD product, refer to the SMD drawing.
SMDs can be downloaded from: http://www.dscc.dla.mil/programs/smcr
MODEL NUMBERING KEY
Model Selection
MOR28
Base model
Vout value
number of outputs
case option
screening
Choose one from each of the following rows
Vout value
for singles and duals: 3R3, 5, 6R3, 9R5, 12, 15
“R” = decimal point, 3R3 = 3.3 VDC
Number of outputs
S (single) or D (dual)
Case option
standard (case U - leave blank), or case V, W, Y, Z
Screening
standard screening, leave blank
/ES (ES screening), /883 (Class H, QML)
STANDARD MICROCIRCUIT
DRAWING (SMD)
X
U
T
Y
Z
MOR SERIES
SIMILAR PART
U
V
W
Y
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com