Electronic Components Datasheet Search
  English  ▼

X  

SPI500MP Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # SPI500MP
Description  500 Watts ATX12V/EPS12V Medical Grade Power
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI500MP Datasheet(HTML) 1 Page - Sparkle Power Inc.

  SPI500MP Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
SPI500MP
(RoHS Compliant)
500 Watts ATX12V/EPS12V Medical Grade Power
Supply
Input Characteristics
Input Range: 90 ~ 265Vac , Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 10A @ 115Vac,5A @ 230Vac
Inrush Current: No damage
Features
• Complied with ATX12V/EPS 12V standard
• Active Power Factor Correction (PFC) meet EN61000-3-2
• High efficiency and reliability
• Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
• Remote ON/OFF function
• Internal 12V DC fan included
• Low noise and ripple
• Output over voltage, short circuit, and over current protection
• 100% Hi-pot, ATE, and burn-in tested
• Re-settabl
ower shut down
Specification
• Temperature Range: Operating: 0°C ~ +50°C , Full load at
25°C ; storage & shipping: -20°C ~ +80°C
• Humidity: 85% on operating,95% on storage
• Dielectric Withstand: Primary frame ground 1800V AC for
1 second
• Efficiency: 66% minimum
• Rise time: Less than 20ms
• Hold-up Time:20ms minimum at nominal input voltage
• Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
• Leakage Current: Less than 0.3mA at 264Vac,63Hz
• MTBF: 100,000 hours on maximum load at +25°C
• Dimensions (LxWxH): 140x150x86mm / 5.5x5.9x3.4inch
e p
• Complies with FCC part 18 subpart C, 120Vac operation, and
EN60601-
, EN55011 at 230Vac operation
1-2
• Approved
UL,CUL 60601, VDE ,NEMKO (CB REPORT),
FCC, EMC,CE
by
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.5A
15A
30A
± 5%
50mV P-P
+5V
0.3A
15A
30A
± 5%
50mV P-P
+12V1
1.0A
8.5A
17A
± 5%
120mV P-P
+12V2
1.0A
8.5A
17A
± 5%
120mV P-P
-12V
0.0A
0.4A
0.8A
± 10%
120mV P-P
+5Vsb
0.0A
1.0A
2.0A
± 5%
50mV P-P
-5V
0.0A
0.15A
0.3A
±10%
100mV P-P
*+3.3V and +5V total output not exceed 200W.
* Total output for this subject power supply is500W
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395


Similar Part No. - SPI500MP

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI5002UC SPI-SPI5002UC Datasheet
44Kb / 1P
500 Watts ATX12V/EPS12V, 2U Switching Power Supply
SPI500ACA8 SPI-SPI500ACA8 Datasheet
588Kb / 1P
Complied with ATX12V standard
SPI500ACAG SPI-SPI500ACAG Datasheet
765Kb / 2P
500 Watts ATX12V 2.3 Switching Power Supply Meet 2010 ErP
SPI500ACAP SPI-SPI500ACAP Datasheet
226Kb / 1P
Complied with ATX12V 2.3 standard
SPI500ACH8 SPI-SPI500ACH8 Datasheet
293Kb / 1P
500 Watts ATX12V Switching Power Supply
More results

Similar Description - SPI500MP

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP500-80BU SPI-FSP500-80BU Datasheet
302Kb / 2P
500 Watts,ATX12V,EPS12V, 1U Switching Power Supply
FSP600-80GLC SPI-FSP600-80GLC Datasheet
468Kb / 2P
600 Watts EPS12V & ATX12V Switching Power Supply
SPI300MP SPI-SPI300MP Datasheet
100Kb / 1P
300 Watts ATX12V, Medical Grade Power Supply
SPI5002UC SPI-SPI5002UC Datasheet
44Kb / 1P
500 Watts ATX12V/EPS12V, 2U Switching Power Supply
FSP300-70MP SPI-FSP300-70MP Datasheet
119Kb / 1P
300 Watts ATX12V, Medical Grade Power Supply
FSP600-92MPB SPI-FSP600-92MPB Datasheet
181Kb / 1P
60 Watts ATX12V, Medical Grade Power Supply
FSP700-90MPB SPI-FSP700-90MPB Datasheet
123Kb / 1P
700 Watts ATX12V, Medical Grade Power Supply
FSP700-92MPB SPI-FSP700-92MPB Datasheet
124Kb / 1P
700 Watts ATX12V, Medical Grade Power Supply
R-FSP500-70ETN SPI-R-FSP500-70ETN Datasheet
2Mb / 1P
500 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
SPI600A8BMB SPI-SPI600A8BMB Datasheet
53Kb / 1P
600 Watts ATX12V, Medical Grade Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com