Electronic Components Datasheet Search
  English  ▼

X  

2100TS Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # 2100TS
Description  Smoke Detectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

2100TS Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  2100TS Datasheet HTML 1Page - Systemsensor advanced ideas. 2100TS Datasheet HTML 2Page - Systemsensor advanced ideas. 2100TS Datasheet HTML 3Page - Systemsensor advanced ideas. 2100TS Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D200-54-00
1
I56-710-14R
2100S and 2100TS Photoelectronic
Smoke Detectors
INSTALLATION AND MAINTENANCE INSTRUCTIONS
3825 Ohio Avenue, St. Charles, Illinois 60174
1-800-SENSOR2, FAX: 630-377-6495
Before Installing
Please thoroughly read System Sensor manual I56-407,
Guide for Proper Use of System Smoke Detectors, which pro-
vides detailed information on detector spacing, placement,
zoning, wiring, and special applications. Copies of this
manual are available at no charge from System Sensor.
NOTICE: This manual shall be left with the owner/user of
this equipment.
IMPORTANT: This detector must be tested and maintained
regularly following NFPA 72 requirements. The detector
should be cleaned at least once a year.
General Description
Model 2100S is a 2-wire photoelectronic smoke detector
that uses a state-of-the-art optical sensing chamber. This
detector is designed to provide open area protection and to
be used with compatible UL-listed panels only. Model
2100TS features a restorable, built-in, fixed-temperature
(135°F) thermal detector.
Specifications
Diameter:
5.5 inches (140 mm)
Height (including mounting bracket):
1.9 inches (48 mm)
Weight:
5.3 oz. (150 g)
Operating Temperature Range:
Model 2100S:
32° to 120°F (0° to 50°C)
Model 2100TS: 32° to 100°F (0° to 38°C)
Operating Humidity Range:
10% to 93% Relative Humidity, Noncondensing
Latching Alarm:
Reset by momentary power interruption
Heat Sensor (Model 2100TS only):
135°F Fixed Temperature Electronic Thermistor
Electrical Ratings
System Voltage –
Nominal:
12 or 24 VDC
Minimum:
8.5 VDC
Maximum:
35 VDC
Maximum Ripple Voltage:
30% of nom. Voltage (peak to peak)
Start-up Capacitance:
0.02 µF maximum
Standby Current:
50 µA maximum
Alarm Ratings:
4.2 VDC minimum at 10 mA.
6.6 VDC maximum at 130 mA.
(Alarm current must be limited to 130 mA maximum by the control panel. If
used, the RA400Z Remote Annunciator operates within the specified detector
alarm currents.)
Reset Voltage:
2.5 VDC minimum
Reset Time:
0.3 seconds maximum
Start-up Time:
30 seconds maximum (after 60 second reset)
Installation of these detectors is simplified by the use of a
mounting bracket and a plug-in screw terminal block that
can be prewired to the system, allowing the detector to be
easily installed or removed. The detector’s sensitivity can
be tested in place using the MOD400R Test Module.
An LED on the detector provides a local visual indication of
the detector’s status. If power is applied to the detector, and
it is functioning normally in standby mode within the listed
sensitivity ranges, the status LED blinks once every ten sec-
onds. The LED also provides a visual indication that main-
tenance is required. If the LED stops blinking, the detector
is either not powered, out of the listed sensitivity range,
and/or unable to function properly. The test switch will not
operate if the detector is below the insensitive limit. The
LED will also latch on when the detector is in alarm.


Similar Part No. - 2100TS

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2100T SYSTEMSENSOR-2100T Datasheet
239Kb / 4P
Photoelectronic Smoke Detectors
logo
RAF ELECTRONIC HARDWARE
2100T-440-AL RAF-2100T-440-AL Datasheet
78Kb / 1P
1/4 HEX FEMALE STANDOFFS
logo
Systemsensor advanced i...
2100TD SYSTEMSENSOR-2100TD Datasheet
209Kb / 4P
Photoelectronic Smoke Detectors
2100TR SYSTEMSENSOR-2100TR Datasheet
109Kb / 4P
Photoelectronic Smoke Detector with Fixed Heat
More results

Similar Description - 2100TS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
72247 ETC2-72247 Datasheet
203Kb / 2P
For Duct Smoke Detectors
logo
Systemsensor advanced i...
2W-B SYSTEMSENSOR-2W-B Datasheet
221Kb / 2P
Photoelectric Smoke Detectors
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
Intelligent Duct Smoke Detectors
1800 SYSTEMSENSOR-1800 Datasheet
566Kb / 2P
SMOKE DETECTORS
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
SMOKE DETECTORS
1851B SYSTEMSENSOR-1851B Datasheet
481Kb / 2P
SMOKE DETECTORS
2100 SYSTEMSENSOR-2100 Datasheet
239Kb / 4P
Photoelectronic Smoke Detectors
2100D SYSTEMSENSOR-2100D Datasheet
209Kb / 4P
Photoelectronic Smoke Detectors
2112 SYSTEMSENSOR-2112 Datasheet
85Kb / 4P
Photoelectronic Smoke Detectors
ED-P SYSTEMSENSOR-ED-P Datasheet
124Kb / 4P
Intelligent Photoelectric Smoke Detectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com