| Electronic Components Datasheet Search |
|
B114LP Datasheet(PDF) 2 Page - Systemsensor advanced ideas. |
|
|
|||||||||||||||||||||||||||||
B114LP Datasheet(HTML) 2 Page - Systemsensor advanced ideas. |
|
2 / 2 page ![]() D140-01-00 2 I56-1493-01 © System Sensor 2003 Figure 2. Ring Replacement: Figure 3. RTC100 Wiring Diagram: A. Ring Replacement 1. Remove the decorative ring from the B114LP/ B114LPBT base by rotating it in either direction to release the hooks. Separate the ring from the base. 2. Position the Test Coil Replacement Ring Assembly on the base, as shown in Figure 2. Be sure to position the test coil directly over the 4-Position Terminal Block. Otherwise, the coil may not activate the switch during a test. 3. Route the the Test Coil Replacement Ring Assembly wires through the slot in the base as indicated in Figure 2. 4. Rotate the ring in either direction until it snaps in place. Dress all wiring, as needed. B. Wiring 1. Route four wires from the B114LP/B114LPBT to the test station mounting location. Be sure to comply with all applicable electrical codes when installing this wiring. This includes selecting the proper wire size and routing through conduit, if necessary. 2. Connect the wiring to the B114LP/B114LPBT Base and RTS451 Test Station, as shown in Figure 3. C. Test Station Mounting Attach the test station to a standard 2″ × 4″ electrical box, using the screws supplied with the box. Operation Test Position the painted side of the test magnet on the RTS451 Test Station on either the left or right side of the LED as shown in Figure 1. The LED should light within 40 seconds, indicating that the detector being is latched in alarm. Reset Reset the detector by inserting a narrow bladed pocket screwdriver, or other similar tool, into the RESET hole on the front of the test station. Gently press until the LED turns off. H0199-01 1 B114LP/B114LPBT RTS451 2 3 4 5 1 2 3 4 5 REMOTE ANNUNCIATOR (+) TEST COIL (+) RTC (–) RESET ALARM TEST COIL System Sensor warrants its enclosed smoke detector to be free from de- fects in materials and workmanship under normal use and service for a period of three years from date of manufacture. System Sensor makes no other express warranty for this smoke detector. No agent, representative, dealer, or employee of the Company has the authority to increase or alter the obligations or limitations of this Warranty. The Company’s obligation of this Warranty shall be limited to the repair or replacement of any part of the smoke detector which is found to be defective in materials or work- manship under normal use and service during the three year period com- mencing with the date of manufacture. After phoning System Sensor’s toll free number 800-SENSOR2 (736-7672) for a Return Authorization number, send defective units postage prepaid to: System Sensor, Returns Depart- Three-Year Limited Warranty ment, RA #__________, 3825 Ohio Avenue, St. Charles, IL 60174. Please include a note describing the malfunction and suspected cause of failure. The Company shall not be obligated to repair or replace units which are found to be defective because of damage, unreasonable use, modifica- tions, or alterations occurring after the date of manufacture. In no case shall the Company be liable for any consequential or incidental damages for breach of this or any other Warranty, expressed or implied whatsoever, even if the loss or damage is caused by the Company’s negligence or fault. Some states do not allow the exclusion or limitation of incidental or con- sequential damages, so the above limitation or exclusion may not apply to you. This Warranty gives you specific legal rights, and you may also have other rights which vary from state to state. TEST COIL K1 RELAY 4-POSITION TERMINAL BLOCK 3-POSITION TERMINAL BLOCK H0234-01 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |