Electronic Components Datasheet Search
  English  ▼

X  

CD74AC74EX Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74AC74EX
Description  Dual D-Type Flip-Flop with Set and Reset Positive-Edge-Triggered
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC74EX Datasheet(HTML) 7 Page - Texas Instruments

  CD74AC74EX Datasheet HTML 1Page - Texas Instruments CD74AC74EX Datasheet HTML 2Page - Texas Instruments CD74AC74EX Datasheet HTML 3Page - Texas Instruments CD74AC74EX Datasheet HTML 4Page - Texas Instruments CD74AC74EX Datasheet HTML 5Page - Texas Instruments CD74AC74EX Datasheet HTML 6Page - Texas Instruments CD74AC74EX Datasheet HTML 7Page - Texas Instruments CD74AC74EX Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
DUT
OUTPUT
RL (NOTE)
OUTPUT
LOAD
500
Ω
CL
50pF
NOTE: For AC Series Only: When VCC = 1.5V, RL = 1kΩ.
FIGURE 4. PROPAGATION DELAY TIMES
CD74AC
CD74ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
CD74AC74, CD74ACT74



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com