Electronic Components Datasheet Search
  English  ▼

X  

MU52 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # MU52
Description  POWER RECTIFIERS(5.0A,50-400V)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MU52 Datasheet(HTML) 1 Page - Mospec Semiconductor

  MU52 Datasheet HTML 1Page - Mospec Semiconductor MU52 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
C A
G
F
E
H
H
D


Similar Part No. - MU52

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MU510 MOSPEC-MU510 Datasheet
132Kb / 2P
POWER RECTIFIERS(5.0A,500-1000V)
MU57 MOSPEC-MU57 Datasheet
132Kb / 2P
POWER RECTIFIERS(5.0A,500-1000V)
MU59 MOSPEC-MU59 Datasheet
132Kb / 2P
POWER RECTIFIERS(5.0A,500-1000V)
More results

Similar Description - MU52

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER501 MOSPEC-HER501 Datasheet
125Kb / 2P
HIGH EFFICIENCY RECTIFIERS(5.0A,50-400V)
MH51 MOSPEC-MH51 Datasheet
132Kb / 2P
HIGH EFFICIENCY RECTIFIERS(5.0A,50-400V)
MU11 MOSPEC-MU11 Datasheet
140Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
MU21 MOSPEC-MU21 Datasheet
185Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
MU31 MOSPEC-MU31 Datasheet
129Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
SF11 MOSPEC-SF11 Datasheet
137Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
SF31 MOSPEC-SF31 Datasheet
131Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
SF41 MOSPEC-SF41 Datasheet
127Kb / 2P
POWER RECTIFIERS(4.0A,50-400V)
SF51 MOSPEC-SF51 Datasheet
127Kb / 2P
POWER RECTIFIERS(5.0A, 50-400V)
SU11 MOSPEC-SU11 Datasheet
141Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com