Electronic Components Datasheet Search
  English  ▼

X  

CD74FCT540M96 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74FCT540M96
Description  BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT540M96 Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT540M96 Datasheet HTML 1Page - Texas Instruments CD74FCT540M96 Datasheet HTML 2Page - Texas Instruments CD74FCT540M96 Datasheet HTML 3Page - Texas Instruments CD74FCT540M96 Datasheet HTML 4Page - Texas Instruments CD74FCT540M96 Datasheet HTML 5Page - Texas Instruments CD74FCT540M96 Datasheet HTML 6Page - Texas Instruments CD74FCT540M96 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
8-1
Data sheet acquired from Harris Semiconductor
SCHS257
Features
• Buffered Inputs
• Typical Propagation Delay: 6.4ns at VCC = 5V,
TA = 25
oC, C
L = 50pF
• CD74FCT540
- Inverting
• CD74FCT541
- Noninverting
• SCR Latchup Resistant BiCMOS Process and
Circuit Design
• Speed of Bipolar FAST™/AS/S
• 64mA Output Sink Current
• Output Voltage Swing Limited to 3.7V at VCC = 5V
• Controlled Output Edge Rates
• Input/Output Isolation to VCC
• BiCMOS Technology with Low Quiescent Power
Description
The CD74FCT540 and CD74FCT541 octal buffers/line drivers
use a small geometry BiCMOS technology. The output
stage is a combination of bipolar and CMOS transistors
that limits the output HIGH level to two diode drops below
VCC. This resultant lowering of output swing (0V to 3.7V)
reduces power bus ringing (a source of EMI) and minimizes
VCC bounce and ground bounce and their effects during
simultaneous output switching. The output configuration
also enhances switching speed and is capable of sinking
64 milliamperes.
The CD74FCT540 is a three-state buffer having two active
LOW output enables. The CD74FCT541 is a noninverting
three state buffer having two active LOW output enables.
Ordering Information
Pinouts
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD74FCT540E
0 to 70
20 Ld PDIP
E20.3
CD74FCT541E
0 to 70
20 Ld PDIP
E20.3
CD74FCT540M
0 to 70
20 Ld SOIC
M20.3
CD74FCT541M
0 to 70
20 Ld SOIC
M20.3
CD74FCT541SM
0 to 70
20 Ld SSOP
M20.209
NOTE: When ordering the suffix M and SM packages, use the entire
part number. Add the suffix 96 to obtain the variant in the tape and reel.
CD74FCT540
(PDIP, SOIC)
TOP VIEW
CD74FCT541
(PDIP, SOIC, SSOP)
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
OE1
A0
A1
A2
A3
A4
A6
A5
A7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
OE2
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
OE1
A0
A1
A2
A3
A4
A6
A5
A7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
OE2
January 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a trademark of Fairchild Semiconductor.
Copyright
© Harris Corporation 1997
CD74FCT540,
CD74FCT541
BiCMOS FCT Interface Logic,
Octal Buffers/Line Drivers, Three-State
NOT RECOMMENDED
FOR NEW
DESIGNS
Use CMOS
Technology
File Number
2383.2


Similar Part No. - CD74FCT540M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT541 TI1-CD74FCT541 Datasheet
507Kb / 12P
BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
CD74FCT541 TI2-CD74FCT541 Datasheet
572Kb / 12P
BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
JULY 2000
CD74FCT541E TI1-CD74FCT541E Datasheet
507Kb / 12P
BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
CD74FCT541E TI2-CD74FCT541E Datasheet
572Kb / 12P
BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
JULY 2000
CD74FCT541E.A TI2-CD74FCT541E.A Datasheet
572Kb / 12P
BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
JULY 2000
More results

Similar Description - CD74FCT540M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54-74FCT240 TI-CD54-74FCT240 Datasheet
20Kb / 3P
FCT Interface Logic Octal Buffers/Line Drivers, Three-State
CD5474FCT373 TI-CD5474FCT373 Datasheet
16Kb / 2P
FCT Interface Logic Octal Transparent Latch, Three-State
CD54FCT245 TI-CD54FCT245 Datasheet
39Kb / 7P
BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
CD74FCT374 TI-CD74FCT374 Datasheet
34Kb / 8P
BiCMOS FCT Interface Logic, Octal D-Type Flip-Flop, Three-State
CD74FCT543 TI-CD74FCT543 Datasheet
51Kb / 6P
BiCMOS FCT Interface Logic, Octal Register/Transceiver, Three-State
CD74FCT564 TI-CD74FCT564 Datasheet
29Kb / 5P
BiCMOS FCT Interface Logic, Octal D-Type Flip-Flops, Three-State
CD74FCT573 TI-CD74FCT573 Datasheet
38Kb / 7P
BiCMOS FCT Interface Logic, Octal Transparent Latches, Three-State
CD74FCT646 TI-CD74FCT646 Datasheet
54Kb / 8P
BiCMOS FCT Interface Logic, Octal Bus Transceiver/Register, Three-State
CD74FCT651 TI1-CD74FCT651 Datasheet
181Kb / 11P
BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
logo
Aeroflex Circuit Techno...
UT54ACS244 AEROFLEX-UT54ACS244 Datasheet
232Kb / 10P
Octal Buffers & Line Drivers, Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com