Electronic Components Datasheet Search
  English  ▼

X  

CD74FCT841AM96 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74FCT841AM96
Description  BiCMOS FCT Interface Logic, 10-Bit Transparent Latches, Three-State
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT841AM96 Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT841AM96 Datasheet HTML 1Page - Texas Instruments CD74FCT841AM96 Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8-1
Data sheet acquired from Harris Semiconductor
SCHS266
Features
• Buffered Inputs
• Typical Propagation Delay: 6.8ns at VCC = 5V,
TA = 25
oC, C
L = 50pF (CD74FCT841A)
• CD74FCT841A
- Noninverting
• CD74FCT842A
- Inverting
• SCR Latchup Resistant BiCMOS Process and
Circuit Design
• Speed of Bipolar FAST™/AS/S
• 48mA Output Sink Current
• Output Voltage Swing Limited to 3.7V at VCC = 5V
• Controlled Output Edge Rates
• Input/Output Isolation to VCC
• BiCMOS Technology with Low Quiescent Power
Pinouts
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD74FCT841AEN
0 to 70
24 Ld PDIP
E24.3
CD74FCT841AM
0 to 70
24 Ld SOIC
M24.3
CD74FCT842AM
0 to 70
24 Ld SOIC
M24.3
NOTE: When ordering the suffix M packages, use the entire part
number. Add the suffix 96 to obtain the variant in the tape and reel.
CD74FCT841A
(PDIP, SOIC)
TOP VIEW
CD74FCT842A
(PDIP, SOIC)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
OE
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
GND
16
17
18
19
20
21
22
23
24
15
14
13
VCC
Q1
Q3
Q4
Q6
Q8
Q9
LE
Q0
Q5
Q7
Q2
1
2
3
4
5
6
7
8
9
10
11
12
OE
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
GND
16
17
18
19
20
21
22
23
24
15
14
13
VCC
Q1
Q3
Q4
Q6
Q8
Q9
LE
Q0
Q5
Q7
Q2
January 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a trademark of Fairchild Semiconductor.
Copyright
© Harris Corporation 1997
CD74FCT841A,
CD74FCT842A
BiCMOS FCT Interface Logic,
10-Bit Transparent Latches, Three-State
NOT RECOMMENDED
FOR NEW
DESIGNS
Use CMOS
Technology
File Number
2397.2


Similar Part No. - CD74FCT841AM96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT843A TI-CD74FCT843A Datasheet
33Kb / 6P
BiCMOS FCT Interface Logic, 9-Bit Transparent Latches, Three-State
CD74FCT843A TI2-CD74FCT843A Datasheet
252Kb / 10P
BiCMOS 9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
JULY 2000
CD74FCT843AM TI-CD74FCT843AM Datasheet
33Kb / 6P
BiCMOS FCT Interface Logic, 9-Bit Transparent Latches, Three-State
CD74FCT843AM TI2-CD74FCT843AM Datasheet
252Kb / 10P
BiCMOS 9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
JULY 2000
CD74FCT843AM.A TI2-CD74FCT843AM.A Datasheet
252Kb / 10P
BiCMOS 9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
JULY 2000
More results

Similar Description - CD74FCT841AM96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD5474FCT373 TI-CD5474FCT373 Datasheet
16Kb / 2P
FCT Interface Logic Octal Transparent Latch, Three-State
CD54FCT245 TI-CD54FCT245 Datasheet
39Kb / 7P
BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
CD74FCT543 TI-CD74FCT543 Datasheet
51Kb / 6P
BiCMOS FCT Interface Logic, Octal Register/Transceiver, Three-State
CD74FCT573 TI-CD74FCT573 Datasheet
38Kb / 7P
BiCMOS FCT Interface Logic, Octal Transparent Latches, Three-State
CD74FCT821A TI-CD74FCT821A Datasheet
40Kb / 7P
BiCMOS FCT Interface Logic, 10- Bit D-Type Flip-Flops, Three-State
CD74FCT823A TI-CD74FCT823A Datasheet
39Kb / 7P
BiCMOS FCT Interface Logic, 9-Bit D-Type Flip-Flops, Three-State
CD74FCT843A TI-CD74FCT843A Datasheet
33Kb / 6P
BiCMOS FCT Interface Logic, 9-Bit Transparent Latches, Three-State
CD74FCT651 TI1-CD74FCT651 Datasheet
181Kb / 11P
BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
CD74FCT861A TI1-CD74FCT861A Datasheet
101Kb / 10P
BiCMOS FCT Interface Logic, 10-Bit Bus Transceiver, Three-State
CD74FCT863A TI1-CD74FCT863A Datasheet
100Kb / 9P
BiCMOS FCT Interface Logic, 9-Bit Bus Transceiver, Three-State
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com