Electronic Components Datasheet Search
  English  ▼

X  

TIP41 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # TIP41
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

TIP41 Datasheet(HTML) 2 Page - Savantic, Inc.

  TIP41 Datasheet HTML 1Page - Savantic, Inc. TIP41 Datasheet HTML 2Page - Savantic, Inc. TIP41 Datasheet HTML 3Page - Savantic, Inc. TIP41 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
TIP41/41A/41B/41C
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP41
40
TIP41A
60
TIP41B
80
VCEO(SUS)
Collector-emitter
sustaining voltage
TIP41C
IC=30mA; IB=0
100
V
VCE(sat)
Collector-emitter saturation voltage
IC=6A; IB=0.6A
1.5
V
VBE
Base-emitter on voltage
IC=6A ; VCE=4V
2.0
V
TIP41
VCE=40V; VEB=0
TIP41A
VCE=60V; VEB=0
TIP41B
VCE=80V; VEB=0
ICES
Collector
cut-off current
TIP41C
VCE=100V; VEB=0
0.4
mA
TIP41/41A
VCE=30V; IB=0
ICEO
Collector
cut-off current
TIP41B/41C
VCE=60V; IB=0
0.7
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
hFE-1
DC current gain
IC=0.3A ; VCE=4V
30
hFE-2
DC current gain
IC=3A ; VCE=4V
15
75
fT
Transition frequency
IC=0.5A ; VCE=10V
3
MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com