Electronic Components Datasheet Search
  English  ▼

X  

2N6286 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2N6286
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N6286 Datasheet(HTML) 2 Page - Savantic, Inc.

  2N6286 Datasheet HTML 1Page - Savantic, Inc. 2N6286 Datasheet HTML 2Page - Savantic, Inc. 2N6286 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2N6285 2N6286 2N6287
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6285
-60
2N6286
-80
VCEO(SUS)
Collector-emitter
sustaining voltage
2N6287
IC=-0.2A ;IB=0
-100
V
VCEsat-1
Collector-emitter saturation voltage
IC=-10A; IB=-40mA
-2.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=-20A ;IB=-200mA
-3.0
V
VBEsat
Base-emitter saturation voltage
IC=-20A ;IB=-200mA
-4.0
V
VBE
Base-emitter on voltage
IC=-10A ; VCE=-3V
-2.8
V
2N6285
VCE=-30V; IB=0
2N6286
VCE=-40V; IB=0
ICEO
Collector cut-off current
2N6287
VCE=-50V; IB=0
-1.0
mA
2N6285
VCE=-60V; VBE=-1.5V
TC=150
-0.5
-5.0
2N6286
VCE=-80V; VBE=-1.5V
TC=150
-0.5
-5.0
ICEX
Collector cut-off current
2N6287
VCE=-100V; VBE=-1.5V
TC=150
-0.5
-5.0
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-2.0
mA
hFE-1
DC current gain
IC=-10A ; VCE=-3V
750
18000
hFE-2
DC current gain
IC=-20A ; VCE=-3V
100
COB
Output capacitance
IE=0; VCB=-10V;f=1MHz
600
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com