Electronic Components Datasheet Search
  English  ▼

X  

TIP107 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # TIP107
Description  Silicon PNP Darlington Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

TIP107 Datasheet(HTML) 2 Page - Savantic, Inc.

  TIP107 Datasheet HTML 1Page - Savantic, Inc. TIP107 Datasheet HTML 2Page - Savantic, Inc. TIP107 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Darlington Power Transistors
TIP105/106/107
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP105
-60
TIP106
-80
VCEO(SUS)
Collector-emitter
sustaining voltage
TIP107
IC=-30mA, IB=0
-100
V
VCE(sat)-1
Collector-emitter saturation voltage
IC=-3A ,IB=-6mA
-2.0
V
VCE(sat)-2
Collector-emitter saturation voltage
IC=-8A ,IB=-80mA
-2.5
V
VBE
Base-emitter on voltage
IC=-8A ; VCE=-4V
-2.8
V
TIP105
VCB=-60V, IE=0
TIP106
VCB=-80V, IE=0
ICBO
Collector cut-off current
TIP107
VCB=-100V, IE=0
-50
µA
TIP105
VCE=-30V, IB=0
TIP106
VCE=-40V, IB=0
ICEO
Collector cut-off current
TIP107
VCE=-50V, IB=0
-50
µA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-2
mA
hFE-1
DC current gain
IC=-3A ; VCE=-4V
1000
20000
hFE-2
DC current gain
IC=-8A ; VCE=-4V
200
COB
Output capacitance
IE=0 ; VCB=-10V,f=0.1MHz
300
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com