Electronic Components Datasheet Search
  English  ▼

X  

TIP141 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # TIP141
Description  Silicon NPN Darlington Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

TIP141 Datasheet(HTML) 2 Page - Savantic, Inc.

  TIP141 Datasheet HTML 1Page - Savantic, Inc. TIP141 Datasheet HTML 2Page - Savantic, Inc. TIP141 Datasheet HTML 3Page - Savantic, Inc. TIP141 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Darlington Power Transistors
TIP140/141/142
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP140
60
TIP141
80
VCEO(SUS)
Collector-emitter
sustaining voltage
TIP142
IC=30mA, IB=0
100
V
VCE(sat)-1
Collector-emitter saturation voltage
IC=5A ,IB=10mA
2.0
V
VCE(sat)-2
Collector-emitter saturation voltage
IC=10A ,IB=40mA
3.0
V
VBE(sat)
Base-emitter saturation voltage
IC=10A ,IB=40mA
3.5
V
VBE
Base-emitter on voltage
IC=10A ; VCE=4V
3.0
V
TIP140
VCB=60V, IE=0
TIP141
VCB=80V, IE=0
ICBO
Collector
cut-off current
TIP142
VCB=100V, IE=0
1
mA
TIP140
VCE=30V, IB=0
TIP141
VCE=40V, IB=0
ICEO
Collector
cut-off current
TIP142
VCE=50V, IB=0
2
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
2
mA
hFE-1
DC current gain
IC=5A ; VCE=4V
1000
hFE-2
DC current gain
IC=10A ; VCE=4V
500
Switching times
td
Delay time
0.15
µs
tr
Rise time
0.55
µs
tstg
Storage time
2.5
µs
tf
Fall time
VCC = 30 V, IC = 5.0 A,
IB =20 mA; Duty CycleE20%
IB1 = IB2, RC & RB Varied,
TJ = 25
2.5
µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com