Electronic Components Datasheet Search
  English  ▼

X  

CD74HC132 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC132
Description  High Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC132 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC132 Datasheet HTML 1Page - Texas Instruments CD74HC132 Datasheet HTML 2Page - Texas Instruments CD74HC132 Datasheet HTML 3Page - Texas Instruments CD74HC132 Datasheet HTML 4Page - Texas Instruments CD74HC132 Datasheet HTML 5Page - Texas Instruments CD74HC132 Datasheet HTML 6Page - Texas Instruments CD74HC132 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS145
Features
• Unlimited Input Rise and Fall Times
• Exceptionally High Noise Immunity
• Typical Propagation Delay: 10ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 37%, NIH = 51% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
• Related Literature
- CD54HC132F3A and CD54HCT132F3A Military
Data Sheet, Document Number 3778
Description
The Harris CD74HC132, CD74HCT132 each contain four
2-input NAND Schmitt Triggers in one package. This logic
device utilizes silicon gate CMOS technology to achieve
operating speeds similar to LSTTL gates with the low power
consumption of standard CMOS integrated circuits. All
devices have the ability to drive 10 LSTTL loads. The 74HCT
Pinout
CD74HC132, CD74HCT132
(PDIP, SOIC)
TOP VIEW
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
August 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
CD74HC132,
CD74HCT132
High Speed CMOS Logic
Quad 2-Input NAND Schmitt Trigger
File Number
1649.1
[ /Title
(CD74
HC132
,
CD74
HCT13
2)
/Sub-
ject
(High
Speed
CMOS
Logic
Quad
2-Input
NAND
Schmit


Similar Part No. - CD74HC132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC132 TI-CD74HC132 Datasheet
256Kb / 10P
High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
CD74HC132 TI-CD74HC132 Datasheet
336Kb / 15P
High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
CD74HC132 TI-CD74HC132 Datasheet
442Kb / 14P
High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
CD74HC132 TI2-CD74HC132 Datasheet
1Mb / 28P
CDx4HC132 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
REVISED JANUARY 2021
CD74HC132E TI-CD74HC132E Datasheet
256Kb / 10P
High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
More results

Similar Description - CD74HC132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC132 TI-CD54HC132 Datasheet
256Kb / 10P
High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
logo
Texas Instruments
CD54HC132 TI-CD54HC132_07 Datasheet
336Kb / 15P
High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
CD54HC132 TI-CD54HC132_08 Datasheet
442Kb / 14P
High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
54F132 TI1-54F132 Datasheet
360Kb / 10P
Quad 2-Input NAND Schmitt Trigger
CD4093B-Q1 TI1-CD4093B-Q1 Datasheet
312Kb / 11P
CMOS QUAD 2-INPUT NAND SCHMITT TRIGGER
logo
NXP Semiconductors
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com