Electronic Components Datasheet Search
  English  ▼

X  

2N6313 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2N6313
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N6313 Datasheet(HTML) 2 Page - Savantic, Inc.

  2N6313 Datasheet HTML 1Page - Savantic, Inc. 2N6313 Datasheet HTML 2Page - Savantic, Inc. 2N6313 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2N6312 2N6313 2N6314
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6312
-40
2N6313
-60
VCEO(SUS)
Collector-emitter
sustaining voltage
2N6314
IC=-0.1A ;IB=0
-80
V
VCEsat-1
Collector-emitter saturation voltage
IC=-1.5A; IB=-0.15A
-0.7
V
VCEsat-2
Collector-emitter saturation voltage
IC=-3A; IB=-0.3A
-2.0
V
VCEsat-3
Collector-emitter saturation voltage
IC=-5A; IB=-1.25A
-4.0
V
VBE
Base-emitter on voltage
IC=-1.5A ; VCE=-2V
-1.4
V
2N6312
VCE=-30V; IB=0
2N6313
VCE=-50V; IB=0
ICEO
Collector cut-off current
2N6314
VCE=-70V; IB=0
-1.0
mA
2N6312
VCB=-40V; IE=0
2N6313
VCB=-60V; IE=0
ICBO
Collector cut-off current
2N6314
VCB=-80V; IE=0
-50
µA
ICEX
Collector cut-off current
VCE=Rated VCE; VBE(off)=1.5V
TC=125
-0.1
-1.0
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-0.5
mA
hFE-1
DC current gain
IC=-0.5A ; VCE=-2V
40
hFE-2
DC current gain
IC=-1.5A ; VCE=-2V
25
100
hFE-3
DC current gain
IC=-3A ; VCE=-2V
10
hFE-4
DC current gain
IC=-5A ; VCE=-4V
4
COB
Output capacitance
IE=0 ; VCB=-10V;f=1MHz
300
pF
fT
Transition frequency
IC=-0.5A;VCE=-10V;f=1.0MHz
4
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com