Electronic Components Datasheet Search
  English  ▼

X  

HC123 Datasheet(PDF) 2 Page - Texas Instruments

Part # HC123
Description  High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC123 Datasheet(HTML) 2 Page - Texas Instruments

  HC123 Datasheet HTML 1Page - Texas Instruments HC123 Datasheet HTML 2Page - Texas Instruments HC123 Datasheet HTML 3Page - Texas Instruments HC123 Datasheet HTML 4Page - Texas Instruments HC123 Datasheet HTML 5Page - Texas Instruments HC123 Datasheet HTML 6Page - Texas Instruments HC123 Datasheet HTML 7Page - Texas Instruments HC123 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Functional Diagram
TRUTH TABLE
INPUTS
OUTPUTS
AB
RQ
Q
CD74HC/HCT123
HXH
L
H
XL
H
L
H
L
↑
H
↓
HH
XX
L
L
H
LH
↑
CD74HC/HCT423
HXH
L
H
XL
H
L
H
L
↑
H
↓
HH
XX
L
L
H
NOTE: H = High Voltage Level, L = Low Voltage Level,
X = Don’t Care.
2R
11
2A
9
10
5
12
2Q
2Q
2B
MONO 2
VCC
67
2Cx
2RxCx
1R
3
1A
2
1
13
4
1Q
1Q
1B
MONO 1
VCC
14
15
1Cx
1RxCx
1Cx
1Rx
2Cx
2Rx
CD74HC123, CD74HCT123, CD74HC423, CD74HCT423



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com