Electronic Components Datasheet Search
  English  ▼

X  

CD74HC173 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC173
Description  High Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC173 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC173 Datasheet HTML 2Page - Texas Instruments CD74HC173 Datasheet HTML 3Page - Texas Instruments CD74HC173 Datasheet HTML 4Page - Texas Instruments CD74HC173 Datasheet HTML 5Page - Texas Instruments CD74HC173 Datasheet HTML 6Page - Texas Instruments CD74HC173 Datasheet HTML 7Page - Texas Instruments CD74HC173 Datasheet HTML 8Page - Texas Instruments CD74HC173 Datasheet HTML 9Page - Texas Instruments CD74HC173 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oCTO125oC
UNITS
TYP
MAX
MAX
MAX
HC TYPES
Propagation Delay, Clock to
Output
tPLH, tPHL
CL = 50pF
2
-
200
250
300
ns
4.5
-
40
50
60
ns
CL = 15pF
5
17
-
-
-
ns
CL = 50pF
6
-
34
43
51
ns
Propagation Delay, MR to
Output
tPHL
CL = 50pF
2
-
175
220
265
ns
4.5
-
35
44
53
ns
CL = 15pF
5
12
-
-
-
ns
CL = 50pF
6
-
30
37
45
ns
Propagation Delay Output
Enable to Q (Figure 6)
tPLZ, tPHZ
tPZL, tPZH
CL = 50pF
2
150
190
225
ns
CL = 50pF
4.5
30
38
45
ns
CL = 15pF
5
12
-
-
-
ns
CL = 50pF
6
26
33
38
ns
Output Transition Times
tTLH, tTHL
CL = 50pF
2
-
60
75
90
ns
4.5
-
12
15
18
ns
6
-
10
13
15
ns
Maximum Clock Frequency
fMAX
CL = 15pF
5
60
-
-
-
MHz
Input Capacitance
CIN
--
-
10
10
10
pF
Three-State Output
Capacitance
CO
--
-
10
10
10
pF
Power Dissipation
Capacitance
(Notes 5, 6)
CPD
-
5
29
-
-
-
pF
HCT TYPES
Propagation Delay, Clock to
Output
tPLH, tPHL
CL = 50pF
4.5
-
40
50
60
ns
CL = 15pF
5
17
-
-
-
ns
Propagation Delay, MR to
Output
tPHL
CL = 50pF
4.5
-
44
55
66
ns
CL = 15pF
5
18
-
-
-
ns
Propagation Delay Output
Enable to Q (Figure 6)
tPZL, tPZH
CL = 50pF
2
150
190
225
ns
CL = 50pF
4.5
30
38
45
ns
CL = 15pF
5
14
-
-
-
ns
CL = 50pF
6
26
33
38
ns
Output Transition Times
tTLH, tTHL
CL = 50pF
4.5
-
15
19
22
ns
Maximum Clock Frequency
fMAX
CL = 15pF
5
60
-
-
-
MHz
Input Capacitance
CIN
--
-
10
10
10
pF
Power Dissipation
Capacitance
(Notes 5, 6)
CPD
-
5
34
-
-
-
pF
NOTES:
5. CPD is used to determine the dynamic power consumption, per package.
6. PD =VCC
2 f
i + ∑ (CL VCC
2 +f
O) where fi = Input Frequency, fO = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
CD74HC173, CD74HCT173



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com