Electronic Components Datasheet Search
  English  ▼

X  

CD74HC280 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC280
Description  High Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC280 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC280 Datasheet HTML 1Page - Texas Instruments CD74HC280 Datasheet HTML 2Page - Texas Instruments CD74HC280 Datasheet HTML 3Page - Texas Instruments CD74HC280 Datasheet HTML 4Page - Texas Instruments CD74HC280 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS175
Features
• Typical Propagation Delay = 17ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Replaces 74LS180 Types
• Easily Cascadable
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The
Harris
CD74HC280
and
CD74HCT280
are
9-bit
odd/even parity, generator checker devices. Both even and
odd parity outputs are available for checking or generating
parity for words up to nine bits long. Even parity is indicated
(
ΣE output is high) when an even number of data inputs is
high. Odd parity is indicated (
ΣO output is high) when an odd
number of data inputs is high. Parity checking for words larger
than 9 bits can be accomplished by tying the
ΣE output to any
input of an additional HC/HCT280 parity checker.
Ordering Information
Pinout
CD74HC280, CD74HCT280
(PDIP)
TOP VIEW
Functional Diagram
I6
I7
NC
I8
ΣE
ΣO
GND
VCC
I5
I4
I3
I2
I1
I0
1
2
3
4
5
6
7
14
13
12
11
10
9
8
8
9
10
11
13
2
1
12
5
6
∑ ODD
∑ EVEN
I0
I1
I2
I3
I5
I6
I7
I4
4
I8
GND = 7
VCC = 14
NC = 3
November 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
CD74HC280,
CD74HCT280
High Speed CMOS Logic
9-Bit Odd/Even Parity Generator/Checker
File Number
1669.1
[ /Title
(CD74
HC280
,
CD74
HCT28
0)
/Sub-
ject
(High
Speed
CMOS
Logic
9-Bit
Odd/E
ven
Parity


Similar Part No. - CD74HC280

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC280 TI-CD74HC280 Datasheet
261Kb / 9P
High-Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker
CD74HC280 TI-CD74HC280 Datasheet
407Kb / 12P
High-Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker
CD74HC280 TI-CD74HC280 Datasheet
435Kb / 12P
High-Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker
CD74HC280 TI2-CD74HC280 Datasheet
596Kb / 17P
High-Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker
Revised October 2003
logo
Microsemi Corporation
CD74HC280E MICROSEMI-CD74HC280E Datasheet
83Kb / 4P
5 WATT GLASS ZENER DIODES
More results

Similar Description - CD74HC280

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F280B PHILIPS-74F280B Datasheet
106Kb / 8P
9-bit odd/even parity generator/checker
1996 Mar 12
74HC280 PHILIPS-74HC280 Datasheet
49Kb / 7P
9-bit odd/even parity generator/checker
December 1990
logo
Texas Instruments
CD74AC280 TI-CD74AC280 Datasheet
28Kb / 5P
9-Bit Odd/Even Parity Generator/Checker
CD54HC280 TI-CD54HC280 Datasheet
261Kb / 9P
High-Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker
logo
National Semiconductor ...
MM74HC280 NSC-MM74HC280 Datasheet
120Kb / 4P
9-Bit Odd/Even Parity Generator/Checker
logo
Texas Instruments
CD54AC280 TI-CD54AC280 Datasheet
260Kb / 2P
9-Bit Odd/Even Parity Generator/Checker
CD54HC280 TI-CD54HC280_07 Datasheet
407Kb / 12P
High-Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker
CD54HC280 TI-CD54HC280_08 Datasheet
435Kb / 12P
High-Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker
logo
Renesas Technology Corp
HD74LS280 RENESAS-HD74LS280 Datasheet
174Kb / 6P
9-bit Odd / Even Parity Generator / Checker
HD74HC280 RENESAS-HD74HC280 Datasheet
75Kb / 6P
9-bit Odd/Even Parity Generator/Checker
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com