Electronic Components Datasheet Search
  English  ▼

X  

2SA985 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SA985
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SA985 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SA985 Datasheet HTML 1Page - Savantic, Inc. 2SA985 Datasheet HTML 2Page - Savantic, Inc. 2SA985 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2SA985 2SA985A
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SA985
-120
V(BR)CEO
Collector-emitter
breakdown voltage
2SA985A
IC=-25mA ,IB=0
-150
V
VCEsat
Collector-emitter saturation voltage
IC=-1A; IB=-0.1A
-0.3
-2.0
V
VBEsat
Base-emitter saturation voltage
IC=-1A; IB=-0.1A
-0.9
-1.5
V
ICBO
Collector cut-off current
VCB=-120V; IE=0
-1.0
µA
IEBO
Emitter cut-off current
VEB=-3V; IC=0
-1.0
µA
hFE-1
DC current gain
IC=-5mA ; VCE=-5V
35
hFE-2
DC current gain
IC=-0.3A ; VCE=-5V
60
150
320
COB
Output capacitance
IE=0 ; VCB=-10V,f=1MHz
29
pF
fT
Transition frequency
IC=-0.2A ; VCE=-5V
180
MHz
hFE-2 Classifications
R
Q
P
60-120
100-200
160-320



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com