Electronic Components Datasheet Search
  English  ▼

X  

SLH2805S/KR Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # SLH2805S/KR
Description  SLH Single and Dual DC/DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SLH2805S/KR Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

Back Button SLH2805S/KR Datasheet HTML 2Page - Crane Aerospace & Electronics. SLH2805S/KR Datasheet HTML 3Page - Crane Aerospace & Electronics. SLH2805S/KR Datasheet HTML 4Page - Crane Aerospace & Electronics. SLH2805S/KR Datasheet HTML 5Page - Crane Aerospace & Electronics. SLH2805S/KR Datasheet HTML 6Page - Crane Aerospace & Electronics. SLH2805S/KR Datasheet HTML 7Page - Crane Aerospace & Electronics. SLH2805S/KR Datasheet HTML 8Page - Crane Aerospace & Electronics. SLH2805S/KR Datasheet HTML 9Page - Crane Aerospace & Electronics. SLH2805S/KR Datasheet HTML 10Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DUAL OUTPUT MODELS
SLH2805D
SLH2812D
SLH2815D
unitS
paraMeter
COnDitiOnS
MIn
TYP
MAX
MIn
TYP
MAX
MIn
TYP
MAX
Output VOLtage 2
25°C
+VOut 4.95
5.00
5.05
11.88 12.00 12.12 14.85 15.00 15.15
25°C
-VOut -4.95
-5.00
-5.05 -11.88 -12.00 -12.12 -14.85 -15.00 -15.15
-55 tO +125° C +VOut 4.80
—
5.20
11.52
—
12.48 14.40
—
15.60
VDC
-55 tO +125° C -VOut -4.80
—
-5.20 -11.52
—
-12.48 -14.40
—
-15.60
Output Current 7
EITHER OUTPUT
Vin = 16 tO 40 VDC
—
150
240
—
62.5
100
—
50
80
mA
tOtaL, Vin = 16 tO 40
VDC
—
—
300
—
—
125
—
—
100
Output pOwer
Vin = 16 tO 40 VDC
—
—
1.5
—
—
1.5
—
—
1.5
W
Output rippLe
±VOut
25°C
10 kHz tO 2 MHz
—
75
150
—
40
200
—
65
300
mV p-p
10 kHz tO 2 MHz
—
—
250
—
—
400
—
—
500
Line reguLatiOn
Vin = 16 tO 40 VDC
+VOut
—
75
400
—
75
700
—
85
650
mV
-VOut
—
65
400
—
70
700
—
85
650
LOaD reguLatiOn 8
BALAnCED, 10% tO
100%
+VOut
—
310
700
—
350
700
—
370
700
mV
-VOut
—
300
700
—
350
700
—
370
700
input VOLtage
nO LOaD tO FuLL
COntinuOuS
16
28
40
16
28
40
16
28
40
VDC
TRAnSIEnT 50 ms 1
—
—
50
—
—
50
—
—
50
V
input Current
nO LOaD
—
3.1
17
—
3.1
17
—
3.3
17
mA
inHiBiteD
—
1.4
5
—
1.4
5
—
1.4
5
input rippLe
Current 3
10 kHz - 10 MHz
—
80
250
—
90
300
—
100
300
mA p-p
eFFiCienCy
25°C, FuLL LOaD
72
80
—
80
87
—
80
87
—
%
FuLL LOaD
69
—
—
69
—
—
69
—
—
LOaD FauLt 4
±VOut
SHOrt CirCuit
pOwer DiSSipatiOn
—
0.3
1.5
—
0.3
1.2
—
0.3
1.2
W
reCOVery 1
—
—
30
—
—
30
—
—
30
ms
Step LOaD
reSpOnSe 5
±VOut
BaLanCeD LOaD
50% - 100% - 50%
tranSient
—
±150
±400
—
±170
±600
—
±200
±700
mV pk
reCOVery 1
—
—
600
—
—
360
—
—
600
µs
Step Line
reSpOnSe 1,5
±VOut, 16 - 40 -16 VDC
tranSient
—
—
±600
—
—
±600
—
—
±600
mV pk
reCOVery
—
—
500
—
—
500
—
—
500
µs
Start-up
±VOut
DeLay6
—
1
20
—
2
20
—
2
20
ms
OVerSHOOt 1
—
—
500
—
—
500
—
—
500
mV pk
CapaCitiVe LOaD1
25° C, nO eFFeCt On
DC perFOrManCe
—
—
100
—
—
100
—
—
100
µF
Electrical Characteristics: -55° to + 125°C Tc, 28 VDC Vin, balanced 100% load, unless otherwise specified.
notes (see following page)
Crane Aerospace & Electronics Power Solutions
sLH single and dual dc/dc converters
28 VoLt input – 1.5 Watt – pending reVision c reLease
Page 6 of 10
www.interpoint.com
Rev C - 20090318 - Pending Revision C Release



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com