Electronic Components Datasheet Search
  English  ▼

X  

CD74HC40105 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC40105
Description  High Speed CMOS Logic 4-Bit x 16-Word FIFO Register
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC40105 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CD74HC40105 Datasheet HTML 6Page - Texas Instruments CD74HC40105 Datasheet HTML 7Page - Texas Instruments CD74HC40105 Datasheet HTML 8Page - Texas Instruments CD74HC40105 Datasheet HTML 9Page - Texas Instruments CD74HC40105 Datasheet HTML 10Page - Texas Instruments CD74HC40105 Datasheet HTML 11Page - Texas Instruments CD74HC40105 Datasheet HTML 12Page - Texas Instruments CD74HC40105 Datasheet HTML 13Page - Texas Instruments CD74HC40105 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
NOTES:
6. Data valid goes to high level in advance of the data out by a maximum of 38ns at VCC = 4.5V for CL = 50pF and TA = 25
oC.
7. At VCC = 4.5V, ripple time from position 1 to position 16.
8. At VCC = 4.5V, ripple time from position 16 to position 1.
FIGURE 14. TIMING DIAGRAM FOR THE CD74HC/HCT40105
SHIFT-IN PULSES
HAVE NO EFFECT
MASTER
RESET
SHIFT IN
(DATA VALID)
INPUTS
SHIFT OUT
OUTPUTS
INPUT READY
(CLEAR OUT)
OUTPUT READY
(DATA VALID)
DATA IN
(Db)
THREE-STATE
(OUTPUT
ENABLE)
DATA OUT
(UNKNOWN)
HIGH Z
INVALID
≈180ns
(NOTE 8)
≈180ns
(NOTE 7)
(NOTE 6)
INPUTS
SHIFT-OUT PULSES
HAVE NO EFFECT
10 1 1
1
0
10
11
1 0
0
0
1
1
1
1
10
0
0
(NOTE 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com