Electronic Components Datasheet Search
  English  ▼

X  

CD74HC4016 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4016
Description  High-Speed CMOS Logic Quad Bilateral Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4016 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC4016 Datasheet HTML 1Page - Texas Instruments CD74HC4016 Datasheet HTML 2Page - Texas Instruments CD74HC4016 Datasheet HTML 3Page - Texas Instruments CD74HC4016 Datasheet HTML 4Page - Texas Instruments CD74HC4016 Datasheet HTML 5Page - Texas Instruments CD74HC4016 Datasheet HTML 6Page - Texas Instruments CD74HC4016 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS199
February 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1998
File Number
1917.1
CD74HC4016
High-Speed CMOS Logic
Quad Bilateral Switch
Features
• Wide Analog-Input-Voltage Range . . . . . . . . . 0V to 10V
• Low “ON” Resistance
-45
Ω (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . . .VCC = 4.5V
-35
Ω (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC = 6V
-30
Ω (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . .1fcVCC = 9V
• Fast Switching and Propagation Delay Times
• Low “OFF” Leakage Current
• Built-In “Break-Before-Make” Switching
• Suitable for Sample and Hold Applications
• Wide Operating Temperature Range . . . -55oC to 125oC
• HC Types
- 2V to 10V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
Description
The Harris CD74HC4016 contains four independent digitally
controlled analog switches that use silicon-gate CMOS
technology to achieve operating speeds similar to LSTTL
with the low power consumption of standard CMOS
integrated circuits.
Each switch has two input/output terminals (nY, nZ) and an
active high enable input (nE). Current through the switch will
not cause additional VCC current provided the analog
voltage is maintained between VCC and GND.
Pinout
CD74HC4016
(PDIP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
CD74HC4016E
-55 to 125
14 Ld PDIP
E14.3
CD74HC4016E
-55 to 125
14 Ld SOIC
M14.15
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all
electrical specifications. Please contact your local sales office or
Harris customer service for ordering information.
1Y
1Z
2Z
2Y
2E
3E
GND
VCC
1E
4E
4Y
4Z
3Z
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
[ /Title
(CD74
HC4016
)
/Sub-
ject
(High-
Speed
CMOS
Logic
Quad
Bilat-


Similar Part No. - CD74HC4016

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4016 TI1-CD74HC4016 Datasheet
631Kb / 17P
High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016 Datasheet
850Kb / 16P
High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI2-CD74HC4016 Datasheet
570Kb / 19P
High-Speed CMOS Logic Quad Bilateral Switch
Revised August 2004
CD74HC4016E TI1-CD74HC4016E Datasheet
631Kb / 17P
High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016E TI1-CD74HC4016E Datasheet
850Kb / 16P
High-Speed CMOS Logic Quad Bilateral Switch
More results

Similar Description - CD74HC4016

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4066 TI-CD74HC4066 Datasheet
48Kb / 8P
High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066 Datasheet
291Kb / 14P
High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI-CD74HC4016_07 Datasheet
306Kb / 15P
High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_07 Datasheet
372Kb / 18P
High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_08 Datasheet
478Kb / 16P
High-Speed CMOS Logic Quad Bilateral Switch
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1 Datasheet
312Kb / 13P
HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1_14 Datasheet
871Kb / 17P
HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD74HC4016 TI1-CD74HC4016_14 Datasheet
631Kb / 17P
High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_15 Datasheet
850Kb / 16P
High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI1-CD54HC4066_17 Datasheet
921Kb / 19P
High-Speed CMOS Logic Quad Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com