Electronic Components Datasheet Search
  English  ▼

X  

CD74HC4050 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4050
Description  High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4050 Datasheet(HTML) 3 Page - Texas Instruments

  CD74HC4050 Datasheet HTML 1Page - Texas Instruments CD74HC4050 Datasheet HTML 2Page - Texas Instruments CD74HC4050 Datasheet HTML 3Page - Texas Instruments CD74HC4050 Datasheet HTML 4Page - Texas Instruments CD74HC4050 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . –0.5V to 7V
DC Input Diode Current, IIK
For VI < –0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < –0.5V or VO > VCC + 0.5V. . . . . . . . . . . . . . . . . . . .±20mA
DC Output Source or Sink Current per Output Pin, IO
For VO > –0.5V or VO < VCC + 0.5V. . . . . . . . . . . . . . . . . . . .±25mA
DC VCC or Ground Current, ICC or IGND . . . . . . . . . . . . . . . . . .±50mA
Operating Conditions
Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . .–55
oC to 125oC
Supply Voltage Range, VCC
HC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V to 6V
HCT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC
Input Rise and Fall Time
2V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000ns (Max)
4.5V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500ns (Max)
6V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400ns (Max)
Thermal Resistance (Typical, Note 3)
θJA (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
78
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
113
TSSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
149
Maximum Junction Temperature (Hermetic Package or Die) . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . –65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
3.
θJA is measured with the component mounted on an evaluation PC board in free air.
VCC
Vl
+7V
+16V
VOLTAGE
RELATIONSHIPS
MAXIMUM LIMITS
DC Electrical Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
–40oC TO 85oC
–55oC TO
125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
High Level Input
Voltage
VIH
-
-
2
1.5
-
-
1.5
-
1.5
-
V
4.5
3.15
-
-
3.15
-
3.15
-
V
6
4.2
-
-
4.2
-
4.2
-
V
Low Level Input
Voltage
VIL
-
-
2
-
-
0.5
-
0.5
-
0.5
V
4.5
-
-
1.35
-
1.35
-
1.35
V
6
-
-
1.8
-
1.8
-
1.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or VIL
–0.02
2
1.9
-
-
1.9
-
1.9
-
V
–0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
–0.02
6
5.9
-
-
5.9
-
5.9
-
V
High Level Output
Voltage
TTL Loads
–4
4.5
3.98
-
-
3.84
-
3.7
-
V
–5.2
6
5.48
-
-
5.34
-
5.2
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
2
-
-
0.1
-
0.1
-
0.1
V
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
0.02
6
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
5.2
6
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC or
GND
-6
-
-
±0.1
-
±1-
±1
µA
15
-
6
-
-
±0.5
-
±5-
±5
Quiescent Device
Current
ICC
VCC or
GND
0
6
-
-
2
-
20
-
40
µA
NOTE: For dual-supply systems theorectical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
CD74HC4049, CD74HC4050



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com