Electronic Components Datasheet Search
  English  ▼

X  

CD74HC4067 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4067
Description  High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4067 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC4067 Datasheet HTML 1Page - Texas Instruments CD74HC4067 Datasheet HTML 2Page - Texas Instruments CD74HC4067 Datasheet HTML 3Page - Texas Instruments CD74HC4067 Datasheet HTML 4Page - Texas Instruments CD74HC4067 Datasheet HTML 5Page - Texas Instruments CD74HC4067 Datasheet HTML 6Page - Texas Instruments CD74HC4067 Datasheet HTML 7Page - Texas Instruments CD74HC4067 Datasheet HTML 8Page - Texas Instruments CD74HC4067 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS209
Features
• Wide Analog Input Voltage Range
• Low “ON” Resistance
-VCC = 4.5V. . . . . . . . . . . . . . . . . . . . . . . . . . . 70Ω (Typ)
-VCC = 6V . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60Ω (Typ)
• Fast Switching and Propagation Speeds
• “Break-Before-Make” Switching. . . . . 6ns (Typ) at 4.5V
• Available in Both Narrow and Wide-Body Plastic
Packages
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The Harris CD74HC4067 and CD74HCT4067 are digitally
controlled analog switches which utilize silicon-gate CMOS
technology to achieve operating speeds similar to LSTTL
with the low power consumption of standard CMOS
integrated circuits.
These analog multiplexers/demultiplexers control analog
voltages that may vary across the voltage supply range.
They are bidirectional switches thus allowing any analog
input to be used as an output and visa-versa. The switches
have low “on” resistance and low “off” leakages. In addition,
these devices have an enable control which when high will
disable all switches to their “off” state.
Pinout
CD74HC4067, CD74HCT4067
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
1
2
3
4
5
6
7
8
9
10
11
12
COMMON
I7
I6
I5
I4
I3
I2
I1
I0
S0
S1
GND
16
17
18
19
20
21
22
23
24
15
14
13
VCC
I9
I10
I11
I12
I14
E
S2
S3
I8
I13
I15
INPUT/OUTPUT
February 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1998
File Number
1783.1
CD74HC4067,
CD74HCT4067
High-Speed CMOS Logic
16-Channel Analog Multiplexer/Demultiplexer
[ /Title
(CD74
HC406
7,
CD74
HCT40
67)
/Sub-
ject
(High-
Speed
CMOS


Similar Part No. - CD74HC4067

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067 Datasheet
724Kb / 16P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067 TI-CD74HC4067 Datasheet
724Kb / 16P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067 TI1-CD74HC4067 Datasheet
908Kb / 26P
CD74HCx4067 High-Speed CMOS Logic 16-Channel Analog Multiplexer and Demultiplexer
DECEMBER 2024
CD74HC4067 TI1-CD74HC4067 Datasheet
851Kb / 25P
CD74HCx4067-Q1 Automotive High-Speed CMOS Logic 16-Channel Analog Mulitplexer and Demultiplexer
APRIL 2025
CD74HC4067 TI2-CD74HC4067 Datasheet
2Mb / 30P
CD74HCx4067 High-Speed CMOS Logic 16-Channel Analog Multiplexer and Demultiplexer
REVISED DECEMBER 2024
More results

Similar Description - CD74HC4067

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
16-channel analog multiplexer/demultiplexer
September 1993
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
16-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Texas Instruments
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
236Kb / 11P
HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067_13 Datasheet
780Kb / 17P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067M96 TI-CD74HCT4067M96 Datasheet
724Kb / 16P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM TI-CD74HC4067SM Datasheet
724Kb / 16P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Texas Instruments
CD74HCT4067-Q1 TI1-CD74HCT4067-Q1 Datasheet
745Kb / 14P
HIGH-SPEED CMOS LOGIC 16-CHANNEL ANALOG MULTIPLEXER and DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com