Electronic Components Datasheet Search
  English  ▼

X  

CD74HC534 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC534
Description  High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC534 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC534 Datasheet HTML 1Page - Texas Instruments CD74HC534 Datasheet HTML 2Page - Texas Instruments CD74HC534 Datasheet HTML 3Page - Texas Instruments CD74HC534 Datasheet HTML 4Page - Texas Instruments CD74HC534 Datasheet HTML 5Page - Texas Instruments CD74HC534 Datasheet HTML 6Page - Texas Instruments CD74HC534 Datasheet HTML 7Page - Texas Instruments CD74HC534 Datasheet HTML 8Page - Texas Instruments CD74HC534 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS188
Features
• Buffered Inputs
• Common Three-State Output-Enable Control
• Three-State Outputs
• Bus Line Driving Capability
• Typical Propagation Delay = 13ns at VCC = 5V,
CL = 15pF, TA = 25
oC (Clock to Output)
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The Harris CD74HC534, CD74HCT534, CD74HC564 and
CD74HCT564 are high speed Octal D-Type Flip-Flops manu-
factured with silicon gate CMOS technology. They possess
the low power consumption of standard CMOS integrated cir-
cuits, as well as the ability to drive 15 LSTTL loads. Due to the
large output drive capability and the three-state feature, these
devices are ideally suited for interfacing with bus lines in a bus
organized system. The two types are functionally identical and
differ only in their pinout arrangements.
The
CD74HC534,
CD74HCT534,
CD74HC564
and
CD74HCT564 are positive edge triggered flip-flops. Data at
the D inputs, meeting the setup and hold time requirements,
are inverted and transferred to the Q outputs on the positive
going transition of the CLOCK input. When a high logic level is
applied to the OUTPUT ENABLE input, all outputs go to a
high impedance state, regardless of what signals are present
at the other inputs and the state of the storage elements.
The CD74HCT logic family is speed, function, and pin
compatible with the standard 74LS logic family.
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
PKG.
NO.
CD74HC534E
-55 to 125
20 Ld PDIP
E20.3
CD74HCT534E
-55 to 125
20 Ld PDIP
E20.3
CD74HC564E
-55 to 125
20 Ld PDIP
E20.3
CD74HCT564E
-55 to 125
20 Ld PDIP
E20.3
CD74HC564M
-55 to 125
20 Ld SOIC
M20.3
CD74HCT564M
-55 to 125
20 Ld SOIC
M20.3
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all
electrical specifications. Please contact your local sales office or
Harris customer service for ordering information.
Pinouts
CD74HC534, CD74HCT534
(PDIP)
TOP VIEW
CD74HC564, CD74HCT564
(PDIP, SOIC)
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
OE
Q0
D0
D1
Q1
Q2
D3
D2
Q3
GND
VCC
D7
D6
Q6
Q7
Q5
D5
D4
Q4
CP
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
OE
D0
D1
D2
D3
D4
D6
D5
D7
GND
VCC
Q1
Q2
Q3
Q0
Q4
Q5
Q6
Q7
CP
January 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1998
File Number
1640.1
CD74HC534, CD74HCT534,
CD74HC564, CD74HCT564
High Speed CMOS Logic Octal D-Type Flip-Flop,
Three-State Inverting Positive-Edge Triggered
[ /Title
(CD74
HC534
,
CD74
HCT53
4,
CD74
HC564
,
CD74
HCT56


Similar Part No. - CD74HC534

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC534 TI-CD74HC534 Datasheet
431Kb / 16P
High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD74HC534E TI-CD74HC534E Datasheet
287Kb / 14P
High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD74HC534E TI-CD74HC534E Datasheet
431Kb / 16P
High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD74HC534E TI-CD74HC534E Datasheet
461Kb / 16P
High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD74HC534EE4 TI-CD74HC534EE4 Datasheet
287Kb / 14P
High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
More results

Similar Description - CD74HC534

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC374 TI-CD74HC374 Datasheet
52Kb / 9P
High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered
logo
Intersil Corporation
CD54AC374 INTERSIL-CD54AC374 Datasheet
9Kb / 1P
Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered, Non-Inverting
June 1997
CD54AC5343A INTERSIL-CD54AC5343A Datasheet
9Kb / 1P
Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered, Inverting
June 1997
CD54AC574 INTERSIL-CD54AC574 Datasheet
9Kb / 1P
Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered, Non-Inverting
June 1997
logo
Texas Instruments
CD54HC534 TI-CD54HC534 Datasheet
287Kb / 14P
High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534_07 Datasheet
431Kb / 16P
High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC374 TI-CD54HC374_07 Datasheet
454Kb / 18P
High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD54HC374 TI-CD54HC374_03 Datasheet
48Kb / 8P
High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD54HC534 TI-CD54HC534_08 Datasheet
461Kb / 16P
High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD74HCT574-EP TI1-CD74HCT574-EP Datasheet
622Kb / 14P
HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE,POSITIVE-EDGE TRIGGERED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com