Electronic Components Datasheet Search
  English  ▼

X  

CD74HC640 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC640
Description  High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC640 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC640 Datasheet HTML 1Page - Texas Instruments CD74HC640 Datasheet HTML 2Page - Texas Instruments CD74HC640 Datasheet HTML 3Page - Texas Instruments CD74HC640 Datasheet HTML 4Page - Texas Instruments CD74HC640 Datasheet HTML 5Page - Texas Instruments CD74HC640 Datasheet HTML 6Page - Texas Instruments CD74HC640 Datasheet HTML 7Page - Texas Instruments CD74HC640 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS192
Features
• Buffered Inputs
• Three-State Outputs
• Applications in Multiple-Data-Bus Architecture
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD74HC640, CD74HCT640
(PDIP, SOIC)
TOP VIEW
Description
The Harris CD74HC640 and CD74HCT640 silicon-gate
CMOS three-state bidirectional inverting and non-inverting
buffers
are
intended
for
two-way
asynchronous
communication between data buses. They have high drive
current outputs which enable high-speed operation when
driving large bus capacitances. These circuits possess the
low power dissipation of CMOS circuits, and have speeds
comparable to low power Sckottky TTL circuits. They can
drive 15 LSTTL loads. The CD74HC640 and CD74HCT640
are inverting buffers.
Functional Diagram
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
DIR
A0
A1
A2
A3
A4
A6
A5
A7
GND
VCC
B0
B1
B2
OE
B3
B4
B5
B6
B7
OUTPUT ENABLE AND
DIRECTION-SELECT LOGIC
A0
A7
OE
DIR
B0
B7
A1
THRU
A6
B1
THRU
B6
VCC = 20
GND = 10
January 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1998
File Number
1677.1
CD74HC640,
CD74HCT640
High Speed CMOS Logic
Octal Three-State Bus Transceiver, Inverting
[ /Title
(CD74
HC640
,
CD74
HCT64
0)
/Sub-
ject
(High
Speed
CMOS


Similar Part No. - CD74HC640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC640 TI-CD74HC640 Datasheet
268Kb / 11P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC640 TI2-CD74HC640 Datasheet
1Mb / 19P
CDx4HC640 CDx4HCT640 High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
REVISED JULY 2022
CD74HC640E TI-CD74HC640E Datasheet
268Kb / 11P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC640E TI-CD74HC640E Datasheet
275Kb / 12P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC640E TI2-CD74HC640E Datasheet
1Mb / 19P
CDx4HC640 CDx4HCT640 High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
REVISED JULY 2022
More results

Similar Description - CD74HC640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC245 TI-CD54HC245 Datasheet
37Kb / 7P
High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HC652 TI-CD74HC652 Datasheet
72Kb / 12P
High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245 TI-CD54HC245_03 Datasheet
261Kb / 12P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245_07 Datasheet
437Kb / 16P
Octal-Bus Transceiver Three-State, Non-Inverting
CD54HC640 TI-CD54HC640_08 Datasheet
275Kb / 12P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC245 TI1-CD54HC245_16 Datasheet
853Kb / 17P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HC646 TI1-CD74HC646 Datasheet
327Kb / 14P
High-Speed CMOS Logic Octal Bus Transceiver/Register, Three-State
CD74HC652 TI1-CD74HC652_15 Datasheet
139Kb / 13P
High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com