Electronic Components Datasheet Search
  English  ▼

X  

S2000N Datasheet(PDF) 2 Page - Savantic, Inc.

Part # S2000N
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

S2000N Datasheet(HTML) 2 Page - Savantic, Inc.

  S2000N Datasheet HTML 1Page - Savantic, Inc. S2000N Datasheet HTML 2Page - Savantic, Inc. S2000N Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
S2000N
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IB=500mA ;VBE=-1.7V;L=40mH
700
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA ;IC=0
5
V
VCE(sat)-1
Collector-emitter saturation voltage
IC=4.5A ;IB=2.0A
1.0
V
VCE(sat)-2
Collector-emitter saturation voltage
IC=4.5A ;IB=1.0A
5.0
V
VBE(sat)
Base-emitter saturation voltage
IC=4.5A ;IB=1.0A
1.2
V
ICBO
Collector cut-off current
VCB=1500V; VBE=0
1.0
mA
hFE-1
DC current gain
IC=1A ; VCE=5V
10
30
hFE-2
DC current gain
IC=4.5A ; VCE=5V
4.5
9
COB
Collector output capacitance
IE=0 ; VCB=10V;f=1MHz
95
pF
fT
Transition frequency
IC=0.1A ; VCE=10V
2
MHz
Switching times
ts
Storage time
8
12
µs
tf
Fall time
ICP=4.5A;IB1(end)=1.0A
fH=15.75kHz
0.4
0.7
µs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com