Electronic Components Datasheet Search
  English  ▼

X  

CD74HC7046AM Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC7046AM
Description  Phase-Locked Loop with VCO and Lock Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC7046AM Datasheet(HTML) 16 Page - Texas Instruments

Back Button CD74HC7046AM Datasheet HTML 12Page - Texas Instruments CD74HC7046AM Datasheet HTML 13Page - Texas Instruments CD74HC7046AM Datasheet HTML 14Page - Texas Instruments CD74HC7046AM Datasheet HTML 15Page - Texas Instruments CD74HC7046AM Datasheet HTML 16Page - Texas Instruments CD74HC7046AM Datasheet HTML 17Page - Texas Instruments CD74HC7046AM Datasheet HTML 18Page - Texas Instruments CD74HC7046AM Datasheet HTML 19Page - Texas Instruments CD74HC7046AM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16
FIGURE 26. HC7046A TYPICAL CHANGE IN VCO FREQUENCY vs
AMBIENT TEMPERATURE AS A FUNCTION OF R1
FIGURE 27. HCT7046A TYPICAL CHANGE IN VCO
FREQUENCY vs AMBIENT TEMPERATURE AS A
FUNCTION OF R1
FIGURE 28. HC7046A TYPICAL CHANGE IN VCO FREQUENCY vs
AMBIENT TEMPERATURE AS A FUNCTION OF R1
FIGURE 29. HC7046A OFFSET FREQUENCY vs R2, C1
FIGURE 30. HC7046A OFFSET FREQUENCY vs R2, C1
FIGURE 31. HCT7046A OFFSET FREQUENCY vs R2, C1
Typical Performance Curves (Continued)
R1 = 3M
R1 = 300K
R1 = 3K
VCOIN = 0.5 VCC
C1 = 50pF, VCC = 6.0V
R2 =
∞
16
12
8
4
0
-75
-50
-25
0
25
50
75
AMBIENT TEMPERATURE, TA (
oC)
100
125
150
-4
-8
-12
R1 = 3M
R1 = 300K
R1 = 3K
VCOIN = 0.5 VCC
C1 = 50pF, VCC = 5.5V
R2 =
∞
16
12
8
4
0
20
-75
-50
-25
0
25
50
75
AMBIENT TEMPERATURE, TA (
oC)
100
125
150
-4
-8
-12
R1 = 2.2M
R1 = 220K
R1 = 2.2K
VCOIN = 0.5 VCC
C1 = 50pF, VCC = 4.5V
R2 =
∞
16
12
8
4
0
20
-75
-50
-25
0
25
50
75
AMBIENT TEMPERATURE, TA (
oC)
100
125
150
-4
-8
-12
R2 = 2.2K
R2 = 22K
R2 = 220K
VCOIN = 0.5 VCC
VCC = 4.5V
110
102
103
104
105
106
CAPACITANCE, C1 (pF)
108
107
106
105
104
103
102
10
1
R2 = 2.2M
R2 = 11M
VCOIN = GND
VCC = 3V
110
102
103
104
105
106
CAPACITANCE, C1 (pF)
108
107
106
105
104
103
102
10
1
R2 = 1.5K
R2 = 15K
R2 = 150K
R2 = 1.5M
R2 = 7.5M
VCOIN = GND
VCC = 4.5V
110
102
103
104
105
106
CAPACITANCE, C1 (pF)
108
107
106
105
104
103
102
10
1
R2 = 2.2K
R2 = 22K
R2 = 220K
R2 = 2.2M
R2 = 11M
CD74HC7046A, CD74HCT7046A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com