Electronic Components Datasheet Search
  English  ▼

X  

CDC111 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDC111
Description  1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC111 Datasheet(HTML) 1 Page - Texas Instruments

  CDC111 Datasheet HTML 1Page - Texas Instruments CDC111 Datasheet HTML 2Page - Texas Instruments CDC111 Datasheet HTML 3Page - Texas Instruments CDC111 Datasheet HTML 4Page - Texas Instruments CDC111 Datasheet HTML 5Page - Texas Instruments CDC111 Datasheet HTML 6Page - Texas Instruments CDC111 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CDC111
1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
SCAS321G – SEPTEMBER 1993 – REVISED AUGUST 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low-Output Skew for Clock-Distribution
Applications
D Differential Low-Voltage Pseudo-ECL
(LVPECL)-Compatible Inputs and Outputs
D Distributes Differential Clock Inputs to Nine
Differential Clock Outputs
D Output Reference Voltage, VREF, Allows
Distribution From a Single-Ended Clock
Input
D Single-Ended LVPECL-Compatible Output
Enable
D Packaged in Plastic Chip Carrier
description
The differential LVPECL clock-driver circuit
distributes one pair of differential LVPECL clock
inputs (CLKIN, CLKIN) to nine pairs of differential
clock (Y, Y) outputs with minimum skew for clock
distribution. It is specifically designed for driving
50-
Ω transmission lines.
When the output-enable (OE) is low, the nine differential outputs switch at the same frequency as the differential
clock inputs. When OE is high, the nine differential outputs are in static states (Y outputs are in the low state,
Y outputs are in the high state).
The VREF output can be strapped to the CLKIN input for a single-ended CLKIN input.
The CDC111 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUTS
CLKIN
CLKIN
OE
Yn
Yn
X
X
H
L
H
L
HL
L
H
H
LL
H
L
L
VREF
LL
H
H
VREF
LH
L
VREF
LL
H
L
VREF
H
L
L
H
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
32 1
13 14
5
6
7
8
9
10
11
Y0
Y0
Y1
VCC0
Y1
Y2
Y2
Y8
Y8
Y7
VCC0
Y7
Y6
Y6
4
15 16 17 18
28 27 26
25
24
23
22
21
20
19
12
FN PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - CDC111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC111_15 TI-CDC111_15_15 Datasheet
124Kb / 9P
1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
More results

Similar Description - CDC111

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
logo
Texas Instruments
CDC340 TI-CDC340 Datasheet
104Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341 TI-CDC341 Datasheet
102Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDCVF111 TI-CDCVF111 Datasheet
121Kb / 1P
1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
1:9 Differential Clock Driver
logo
Maxim Integrated Produc...
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
logo
Texas Instruments
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
CDC111_15 TI-CDC111_15_15 Datasheet
124Kb / 9P
1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
CDCVF111 TI1-CDCVF111_13 Datasheet
679Kb / 11P
1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com