Electronic Components Datasheet Search
  English  ▼

X  

2SC2331 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SC2331
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC2331 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SC2331 Datasheet HTML 1Page - Savantic, Inc. 2SC2331 Datasheet HTML 2Page - Savantic, Inc. 2SC2331 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC2331
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=1.0A ,IB=0.1A,L=1mH
100
V
VCEsat
Collector-emitter saturation voltage
IC=1A; IB=0.1A
0.6
V
VBEsat
Base-emitter saturation voltage
IC=1A ;IB=0.1A
1.5
V
ICBO
Collector cut-off current
VCB=100V; IE=0
10
µA
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
µA
hFE-1
DC current gain
IC=0.1A ; VCE=5V
40
hFE-2
DC current gain
IC=1A ; VCE=5V
40
200
Switching times resistive load
ton
Turn-on time
0.5
µs
ts
Storage time
1.5
µs
tf
Fall time
IC=1.0A IB1=- IB2=0.1A
RL=50A;VCCB50V
0.5
µs
hFE-2 Classifications
M
L
K
40-80
60-120
100-200



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com