Electronic Components Datasheet Search
  English  ▼

X  

CDC2510C Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDC2510C
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC2510C Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDC2510C Datasheet HTML 4Page - Texas Instruments CDC2510C Datasheet HTML 5Page - Texas Instruments CDC2510C Datasheet HTML 6Page - Texas Instruments CDC2510C Datasheet HTML 7Page - Texas Instruments CDC2510C Datasheet HTML 8Page - Texas Instruments CDC2510C Datasheet HTML 9Page - Texas Instruments CDC2510C Datasheet HTML 10Page - Texas Instruments CDC2510C Datasheet HTML 11Page - Texas Instruments CDC2510C Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CDC2510C
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS621 – DECEMBER 1998
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
TI SILICON-BASED
PLL PULLDOWN IBIS I/V
100
60
40
20
0
80
0
0.5
1
1.5
2
2.5
3
3.5
VO – Output Voltage – V
120
VCC = 3.465 V
High IDS
TA = 0°C
Imax (Intel)
VCC = 3.135 V
Low IDS
TA = 85°C
Imin (Intel)
VCC = 3.3 V
Nom IDS
TA = 25°C
Figure 14
TI SILICON-BASED
PLL PULLUP IBIS I/V
–20
–60
–80
–100
–40
0
0.5
1
1.5
2
2.5
3
3.5
VO – Output Voltage – V
0
Imax (Intel)
VCC = 3.135 V
Low IDS
TA = 85°C
Imin (Intel)
VCC = 3.3 V
Nom IDS
TA = 25°C
VCC = 3.465 V
High IDS
TA = 0°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com