Electronic Components Datasheet Search
  English  ▼

X  

CDC2586 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDC2586
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC2586 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDC2586 Datasheet HTML 3Page - Texas Instruments CDC2586 Datasheet HTML 4Page - Texas Instruments CDC2586 Datasheet HTML 5Page - Texas Instruments CDC2586 Datasheet HTML 6Page - Texas Instruments CDC2586 Datasheet HTML 7Page - Texas Instruments CDC2586 Datasheet HTML 8Page - Texas Instruments CDC2586 Datasheet HTML 9Page - Texas Instruments CDC2586 Datasheet HTML 10Page - Texas Instruments CDC2586 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CDC2586
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS337C – FEBRUARY 1993 – REVISED OCTOBER 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
MAX
UNIT
f lk
Clock frequency
VCO operating at four times the CLKIN frequency
25
50
MHz
fclock
Clock frequency
VCO operating at double the CLKIN frequency
50
100
MHz
Input clock duty cycle
40%
60%
†
After SEL1, SEL0
50
Stabilization time†
After OE
↓
50
s
Stabilization time†
After power up
50
µs
After CLKIN
50
† Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. In order for phase lock to be obtained,
a fixed-frequency, fixed-phase reference signal must be present at CLKIN. Until phase lock is obtained, the specifications for propagation delay
and skew parameters given in the switching characteristics table are not applicable.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 15 pF (see Note 4 and Figures 1 through 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
fmax
100
MHz
Duty cycle
Y
45%
55%
tphase error‡
CLKIN
↑
Y
↑
– 500
+500
ps
jitter
CLKIN
↑
Y
↑
200
ps
tsk(o)‡
0.5
ns
tsk(pr)‡
1
ns
tr
1.4
ns
tf
1.4
ns
‡ The propagation delay, tphase error, is dependent on the feedback path from any output to FBIN. The tphase error, tsk(o),
and tsk(pr) specifications are valid only for equal loading of all outputs.
NOTE 4: The specifications for parameters in this table are applicable only after any appropriate stabilization time has elapsed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com