Electronic Components Datasheet Search
  English  ▼

X  

CDC337DW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDC337DW
Description  CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC337DW Datasheet(HTML) 1 Page - Texas Instruments

  CDC337DW Datasheet HTML 1Page - Texas Instruments CDC337DW Datasheet HTML 2Page - Texas Instruments CDC337DW Datasheet HTML 3Page - Texas Instruments CDC337DW Datasheet HTML 4Page - Texas Instruments CDC337DW Datasheet HTML 5Page - Texas Instruments CDC337DW Datasheet HTML 6Page - Texas Instruments CDC337DW Datasheet HTML 7Page - Texas Instruments CDC337DW Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CDC337
CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS330B – DECEMBER 1990 – REVISED OCTOBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Output Skew, Low Pulse Skew for
Clock-Distribution and Clock-Generation
Applications
D TTL-Compatible Inputs and
CMOS-Compatible Outputs
D Distributes One Clock Input to Eight
Outputs
– Four Same-Frequency Outputs
– Four Half-Frequency Outputs
D Distributed VCC and Ground Pins Reduce
Switching Noise
D High-Drive Outputs (–48-mA IOH,
48-mA IOL)
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D Package Options Include Plastic
Small-Outline (DW)
description
The CDC337 is a high-performance, low-skew clock driver. It is specifically designed for applications requiring
synchronized output signals at both the clock frequency and one-half the clock frequency. The four Y outputs
switch in phase and at the same frequency as the clock (CLK) input. The four Q outputs switch at one-half the
frequency of CLK.
When the output-enable (OE) input is low and the clear (CLR) input is high, the Y outputs follow CLK and the
Q outputs toggle on low-to-high transitions at CLK. Taking CLR low asynchronously resets the Q outputs to the
low level. When OE is high, the outputs are in the high-impedance state.
The CDC337 is characterized for operation from – 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUTS
OE
CLR
CLK
Y1–Y4
Q1– Q4
H
X
X
Z
Z
L
LL
L
L
L
LH
H
L
L
HL
L
Q0†
L
H
↑
H
Q0†
† The level of the Q outputs before the
indicated steady-state input conditions were
established
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Y3
GND
Y4
VCC
OE
CLR
VCC
Q4
GND
Q3
Y2
GND
Y1
VCC
CLK
GND
VCC
Q1
GND
Q2
DW PACKAGE
(TOP VIEW)


Similar Part No. - CDC337DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC337DW TI1-CDC337DW Datasheet
462Kb / 12P
Clock Driver with 3-state output
CDC337DW TI2-CDC337DW Datasheet
210Kb / 10P
CLOCK DRIVER WITH 3-STATE OUTPUTS
REVISED OCTOBER 1998
CDC337DW.B TI2-CDC337DW.B Datasheet
210Kb / 10P
CLOCK DRIVER WITH 3-STATE OUTPUTS
REVISED OCTOBER 1998
CDC337DWG4 TI1-CDC337DWG4 Datasheet
462Kb / 12P
Clock Driver with 3-state output
CDC337DWG4.B TI2-CDC337DWG4.B Datasheet
210Kb / 10P
CLOCK DRIVER WITH 3-STATE OUTPUTS
REVISED OCTOBER 1998
More results

Similar Description - CDC337DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC339 TI-CDC339 Datasheet
105Kb / 7P
CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC536 TI-CDC536 Datasheet
170Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC9843 TI-CDC9843 Datasheet
124Kb / 8P
PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
CDC9841 TI-CDC9841 Datasheet
135Kb / 9P
PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC339DBR TI-CDC339DBR Datasheet
281Kb / 13P
CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC330 TI1-CDC330 Datasheet
110Kb / 7P
CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC337 TI1-CDC337_12 Datasheet
462Kb / 12P
Clock Driver with 3-state output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com