Electronic Components Datasheet Search
  English  ▼

X  

CDC391 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDC391
Description  1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY AND 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC391 Datasheet(HTML) 1 Page - Texas Instruments

  CDC391 Datasheet HTML 1Page - Texas Instruments CDC391 Datasheet HTML 2Page - Texas Instruments CDC391 Datasheet HTML 3Page - Texas Instruments CDC391 Datasheet HTML 4Page - Texas Instruments CDC391 Datasheet HTML 5Page - Texas Instruments CDC391 Datasheet HTML 6Page - Texas Instruments CDC391 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CDC391
1-LINE TO 6-LINE CLOCK DRIVER
WITH SELECTABLE POLARITY AND 3-STATE OUTPUTS
SCAS334A – DECEMBER 1992 – REVISED NOVEMBER 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Output Skew for Clock-Distribution
and Clock-Generation Applications
D TTL-Compatible Inputs and Outputs
D Distributes One Clock Input to Six Clock
Outputs
D Polarity Control Selects True or
Complementary Outputs
D Distributed VCC and GND Pins Reduce
Switching Noise
D High-Drive Outputs (–48-mA IOH,
48-mA IOL)
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D Packaged in Plastic Small-Outline Package
description
The CDC391 contains a clock-driver circuit that distributes one input signal to six outputs with minimum skew
for clock distribution. Through the use of the polarity-control (T/C) inputs, various combinations of true and
complementary outputs can be obtained. The output-enable (OE) input is provided to disable the outputs to a
high-impedance state.
The CDC391 is characterized for operation from – 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUT
OE
T/C
A
Y
H
X
X
Z
L
LL
L
L
LH
H
L
HL
H
L
H
H
L
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
D PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
1Y2
1Y3
GND
2Y1
2Y2
GND
3Y1
1Y1
1T/C
VCC
2T/C
A
VCC
3T/C
OE
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - CDC391

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC391 TI1-CDC391 Datasheet
116Kb / 7P
1Line to 6Line Clock Driver
CDC391 TI2-CDC391 Datasheet
193Kb / 9P
1-LINE TO 6-LINE CLOCK DRIVER ‘WITH SELECTABLE POLARITY AND 3-STATE OUTPUTS
REVISED NOVEMBER 1995
CDC391D TI2-CDC391D Datasheet
193Kb / 9P
1-LINE TO 6-LINE CLOCK DRIVER ‘WITH SELECTABLE POLARITY AND 3-STATE OUTPUTS
REVISED NOVEMBER 1995
CDC391D.B TI2-CDC391D.B Datasheet
193Kb / 9P
1-LINE TO 6-LINE CLOCK DRIVER ‘WITH SELECTABLE POLARITY AND 3-STATE OUTPUTS
REVISED NOVEMBER 1995
CDC391DG4 TI1-CDC391DG4 Datasheet
116Kb / 7P
1Line to 6Line Clock Driver
More results

Similar Description - CDC391

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC328A TI-CDC328A Datasheet
101Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC329A TI-CDC329A Datasheet
105Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC329 TI-CDC329 Datasheet
89Kb / 6P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC392 TI-CDC392 Datasheet
130Kb / 1P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY AND 3-STATE OUTPUTS
logo
PulseCore Semiconductor
ASM2P2351AH PULSECORE-ASM2P2351AH Datasheet
464Kb / 12P
1-Line To 10-Line Clock Driver With 3-State Outputs
logo
Texas Instruments
CDC328 TI1-CDC328 Datasheet
114Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com