Electronic Components Datasheet Search
  English  ▼

X  

CDC536 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDC536
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC536 Datasheet(HTML) 4 Page - Texas Instruments

  CDC536 Datasheet HTML 1Page - Texas Instruments CDC536 Datasheet HTML 2Page - Texas Instruments CDC536 Datasheet HTML 3Page - Texas Instruments CDC536 Datasheet HTML 4Page - Texas Instruments CDC536 Datasheet HTML 5Page - Texas Instruments CDC536 Datasheet HTML 6Page - Texas Instruments CDC536 Datasheet HTML 7Page - Texas Instruments CDC536 Datasheet HTML 8Page - Texas Instruments CDC536 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CDC536
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS378F – APRIL 1994 – REVISED OCTOBER 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CLKIN
3
I
Clock input. CLKIN provides the clock signal to be distributed by the CDC536 clock-driver circuit. CLKIN is used
to provide the reference signal to the integrated phase-lock loop that generates the clock output signals. CLKIN
must have a fixed frequency and fixed phase in order for the phase-lock loop to obtain phase lock. Once the
circuit is powered up and a valid CLKIN signal is applied, a stabilization time is required for the phase-lock loop
to phase lock the feedback signal to its reference signal.
CLR
24
I
CLR is used for testing purposes only.
FBIN
26
I
Feedback input. FBIN provides the feedback signal to the internal PLL. FBIN must be hardwired to one of the
six clock outputs to provide frequency and phase lock. The internal PLL adjusts the output clocks to obtain zero
phase delay between the FBIN and differential CLKIN inputs.
OE
5
I
Output enable. OE is the output enable for all outputs. When OE is low, all outputs are enabled. When OE is
high, all outputs are in the high-impedance state. Since the feedback signal for the phase-lock loop is taken
directly from an output, placing the outputs in the high-impedance state interrupts the feedback loop; therefore,
when a high-to-low transition occurs at OE, enabling the output buffers, a stabilization time is required before
the phase-lock loop obtains phase lock.
SEL
4
I
Output configuration select. SEL selects the output configuration for each output bank (e.g. 1
×, 1/2×, or 2×).
(see Tables 1 and 2).
TEST
25
I
TEST is used to bypass the phase-lock loop circuitry for factory testing of the device. When TEST is low, all
outputs operate using the PLL circuitry. When TEST is high, the outputs are placed in a test mode that bypasses
the PLL circuitry. TEST should be grounded for normal operation.
1Y1 – 1Y3
7, 10, 13
O
These outputs are configured by SEL to transmit one-half or one-fourth the frequency of the VCO. The
relationship between the CLKIN frequency and the output frequency is dependent on SEL. The duty cycle of
the Y output signals is nominally 50%, independent of the duty cycle of the CLKIN signal.
2Y1 – 2Y3
22, 19, 16
O
These outputs transmit one-half the frequency of the VCO. The relationship between the CLKIN frequency and
the output frequency is dependent on the frequency of the output being fed back to FBIN. The duty cycle of the
Y output signals is nominally 50% independent of the duty cycle of the CLKIN signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com