Electronic Components Datasheet Search
  English  ▼

X  

CDC922 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC922
Description  133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC922 Datasheet(HTML) 1 Page - Texas Instruments

  CDC922 Datasheet HTML 1Page - Texas Instruments CDC922 Datasheet HTML 2Page - Texas Instruments CDC922 Datasheet HTML 3Page - Texas Instruments CDC922 Datasheet HTML 4Page - Texas Instruments CDC922 Datasheet HTML 5Page - Texas Instruments CDC922 Datasheet HTML 6Page - Texas Instruments CDC922 Datasheet HTML 7Page - Texas Instruments CDC922 Datasheet HTML 8Page - Texas Instruments CDC922 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CDC922
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS634 –JULY 28, 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Generates Clocks for Pentium™ III Class
Microprocessors
D Supports a Single Pentium III
Microprocessor
D Uses a 14.318 MHz Crystal Input to
Generate Multiple Output Frequencies
D Includes Spread Spectrum Clocking (SSC),
0.34% Downspread for Reduced EMI
Performance
D Power Management Control Terminals
D Low Output Skew and Jitter for Clock
Distribution
D Operates from Dual 2.5-V and 3.3-V
Supplies
D Generates the Following Clocks:
– 3 CPU (2.5 V, 100/133 MHz)
– 10 PCI (3.3 V, 33.3 MHz)
– 1 CPU/2 (2.5 V, 50/66 MHz)
– 1 APIC (2.5 V, 16.67 MHz)
– 3 3V66 (3.3 V, 66 MHz)
– 2 REF (3.3 V, 14.318 MHz)
– 1 48MHz (3.3 V, 48 MHz)
D Packaged in 48-Pin SSOP Package
D Designed for Use with TI’s Direct Rambus™
Clock Generators (CDCR81, CDCR82,
CDCR83)
description
The CDC922 is a clock synthesizer/driver that generates CPU, CPU_DIV2, 3V66, PCI, APIC, 48MHz, and REF
system clock signals to support computer systems with a single Pentium III class microprocessor.
All output frequencies are generated from a 14.318-MHz crystal input. Instead of a crystal, a reference clock
input can be provided at the XIN input. Two phase-locked loops (PLLs) are used to generate the host
frequencies and the 48-MHz clock frequency. On-chip loop filters and internal feedback eliminate the need for
external components.
The host and PCI clock outputs provide low-skew and low-jitter clock signals for reliable clock operation. All
outputs have 3-state capability, which can be selected via control inputs SEL0, SEL1, and SEL133/100.
The 48MHz clock can be independently disabled via the control inputs SEL0, SEL1, and SEL133/100. In this
state, the 48-MHz PLL is disabled and the 48MHz clock is driven to high impedance to reduce component jitter.
The outputs are either 3.3-V or 2.5-V single-ended CMOS buffers. With a logic high-level on the PWR_DWN
terminal, the device operates normally, but when a logical low-level input is applied, the device powers down
completely with the outputs in a low-level output state.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
REF0
REF1
VDD3.3V
XIN
XOUT
GND
PCI0
PCI1
VDD3.3V
PCI2
PCI3
PCI4
PCI5
GND
PCI6
PCI7
VDD3.3V
PCI8
PCI9
GND
3V66(0)
3V66(1)
3V66(2)
VDD3.3V
GND
VDD2.5V
APIC
GND
VDD2.5V
CPU_DIV2
GND
VDD2.5V
CPU2
GND
VDD2.5V
CPU1
CPU0
GND
VDD3.3V
GND
PWR_DWN
SPREAD
SEL1
SEL0
VDD3.3V
48MHz
GND
SEL133/100
DL PACKAGE
(TOP VIEW)
Intel and Pentium III are trademarks of Intel Corporation.
Direct Rambus and Rambus are trademarks of Rambus Inc.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - CDC922

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC922 TI-CDC922 Datasheet
182Kb / 13P
DIRECT RAMBUSE CLOCK GENERATOR
CDC922 TI1-CDC922 Datasheet
254Kb / 18P
133MHz CLOCK SYNTHESIZER/DRIVER
CDC922DL TI1-CDC922DL Datasheet
254Kb / 18P
133MHz CLOCK SYNTHESIZER/DRIVER
CDC922DLR TI1-CDC922DLR Datasheet
254Kb / 18P
133MHz CLOCK SYNTHESIZER/DRIVER
CDC922 TI1-CDC922_06 Datasheet
254Kb / 18P
133MHz CLOCK SYNTHESIZER/DRIVER
More results

Similar Description - CDC922

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC921 TI-CDC921 Datasheet
235Kb / 17P
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC924 TI-CDC924 Datasheet
250Kb / 18P
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC925 TI-CDC925 Datasheet
253Kb / 18P
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
logo
Texas Instruments
CDC9843 TI-CDC9843 Datasheet
124Kb / 8P
PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
CDC950 TI-CDC950 Datasheet
262Kb / 16P
133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
CDC930 TI-CDC930 Datasheet
363Kb / 17P
133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC9841 TI-CDC9841 Datasheet
135Kb / 9P
PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
CDC925 TI1-CDC925_08 Datasheet
281Kb / 19P
133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com