Electronic Components Datasheet Search
  English  ▼

X  

CDC922DL Datasheet(PDF) 4 Page - Texas Instruments

Part # CDC922DL
Description  133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC922DL Datasheet(HTML) 4 Page - Texas Instruments

  CDC922DL Datasheet HTML 1Page - Texas Instruments CDC922DL Datasheet HTML 2Page - Texas Instruments CDC922DL Datasheet HTML 3Page - Texas Instruments CDC922DL Datasheet HTML 4Page - Texas Instruments CDC922DL Datasheet HTML 5Page - Texas Instruments CDC922DL Datasheet HTML 6Page - Texas Instruments CDC922DL Datasheet HTML 7Page - Texas Instruments CDC922DL Datasheet HTML 8Page - Texas Instruments CDC922DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CDC922
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS634 –JULY 28, 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
spread spectrum clock (SSC) implementation for CDC922
Simultaneously switching at fixed frequency generates a significant power peak at the selected frequency,
which in turn will cause EMI disturbance to the environment. The purpose of the internal frequency modulation
of the CPU–PLL allows to distribute the energy to many different frequencies which reduces the power peak.
A typical characteristic for a single frequency spectrum and a frequency modulated spectrum is shown in
Figure 1.
Highest Peak
Non-SSC
SSC
δ of fnom
fnom
∆
Figure 1. Frequency Power Spectrum With and Without the Use of SSC
The modulated spectrum has its distribution left hand to the single frequency spectrum which indicates a
“down-spread modulation”.
The peak reduction depends on the modulation scheme and modulation profile. System performance and timing
requirements are the limiting factors for actual design implementations. The implementation was driven to keep
the average clock frequency closed to its upper specification limit. The modulation amount was set to
approximately –0.34% (compared to – 0.5% on the CDC921).
In order to allow a downstream PLL to follow the frequency modulated signal, the bandwidth of the modulation
signal is limited in order to minimize SSC induced tracking skew jitter. The ideal modulation profile used for
CDC922 is shown in Figure 2.
5
1015
20
25
3035
40
45
Period of Modulation Signal –
µs
9.97
9.98
9.99
10
10.01
10.02
10.03
Figure 2. SSC Modulation Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com