Electronic Components Datasheet Search
  English  ▼

X  

2SC3692 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SC3692
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC3692 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SC3692 Datasheet HTML 1Page - Savantic, Inc. 2SC3692 Datasheet HTML 2Page - Savantic, Inc. 2SC3692 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC3692
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=4A; IB=0.4A,L=1mH
60
V
VCEsat-1
Collector-emitter saturation voltage
IC=4A; IB=0.2 A
0.3
V
VCEsat-2
Collector-emitter saturation voltage
IC=6A; IB=0.3A
0.5
V
VBEsat-1
Base-emitter saturation voltage
IC=4A; IB=0.2 A
1.2
V
VBEsat-2
Base-emitter saturation voltage
IC=6A; IB=0.3A
1.5
V
ICBO
Collector cut-off current
VCB=60V; IE=0
10
µA
ICEX
Collector cut-off current
VCE=60V; VBE=-1.5V
Ta=125
10
1.0
µA
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
µA
hFE-1
DC current gain
IC=0.7A ; VCE=2V
100
hFE-2
DC current gain
IC=1.5A ; VCE=2V
100
200
400
hFE-3
DC current gain
IC=4A ; VCE=2V
60
COB
Output capacitance
IE=0; VCB=10V;f=1MHz
100
pF
fT
Transition frequency
IC=1A ; VCE=10V
150
MHz
Switching times
ton
Turn-on time
0.3
µs
ts
Storage time
1.5
µs
tf
Fall time
IC=4A;RL=12.5C
IB1=-IB2=0.2A
VCCD50V
0.3
µs
hFE-2 classifications
M
L
K
100-200
150-300
200-400



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com