Electronic Components Datasheet Search
  English  ▼

X  

CY74FCT16240ETPVC Datasheet(PDF) 2 Page - Texas Instruments

Part # CY74FCT16240ETPVC
Description  16-Bit Buffers/Line Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16240ETPVC Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT16240ETPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16240ETPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16240ETPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16240ETPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16240ETPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16240ETPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16240ETPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16240ETPVC Datasheet HTML 8Page - Texas Instruments CY74FCT16240ETPVC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY74FCT16240T
CY74FCT162240T
2
Maximum Ratings[2, 3]
(Above which the useful life may be impaired. For user
guidelines, not tested.)
Storage Temperature ......................Com’l . –55
°C to +125°C
Ambient Temperature with
Power Applied..................................Com’l . –55
°C to +125°C
DC Input Voltage ........................................... –0.5V to +7.0V
DC Output Voltage......................................... –0.5V to +7.0V
DC Output Current
(Maximum Sink Current/Pin) ........................–60 to +120 mA
Power Dissipation .......................................................... 1.0W
Static Discharge Voltage
(per MIL-STD-883, Method 3015) .............................>2001V
Pin Summary
Name
Description
OE
Three-State Output Enable Inputs (Active LOW)
A
Data Inputs
Y
Three-State Outputs
Function Table[1]
Inputs
Outputs
OE
A
Y
L
L
H
L
H
L
H
X
Z
Operating Range
Range
Ambient Temperature
VCC
Industrial
–40
°C to +85°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.[4]
Max.
Unit
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VH
Input Hysteresis[5]
100
mV
VIK
Input Clamp Diode Voltage
VCC = Min., IIN= –18 mA
–0.7
–1.2
V
IIH
Input HIGH Current
VCC = Max., VI = VCC
±1
µA
IIH
Input HIGH Current
VCC = Max., VI = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VI = GND
±1
µA
IIL
Input LOW Current
VCC = Max., VI = GND
±1
µA
IOZH
High Impedance Output Current
(Three-State Output pins)
VCC = Max., VOUT = 2.7V
±1
µA
IOZL
High Impedance Output Current
(Three-State Output pins)
VCC = Max., VOUT = 0.5V
±1
µA
IOS
Short Circuit Current[6]
VCC = Max., VOUT = GND
–80
–140
–200
mA
IO
Output Drive Current[6]
VCC = Max., VOUT = 2.5V
–50
–180
mA
IOFF
Power-Off Disable
VCC = 0V, VOUT ≤ 4.5V
[7]
±1
µA
Output Drive Characteristics for CY74FCT16240T
Parameter
Description
Test Conditions
Min.
Typ.[4]
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH= –3 mA
2.5
3.5
V
VCC = Min., IOH= –15 mA
2.4
3.5
V
VCC = Min., IOH= –32 mA
2.0
3.0
V
VOL
Output LOW Voltage
VCC = Min., IOL= 64 mA
0.2
0.55
V
Notes:
1.
H = HIGH Voltage Level. L = LOW Voltage Level. X = Don’t Care. Z = High Impedance.
2.
Operation beyond the limits set forth may impair the useful life of the device. Unless noted, these limits are over the operating free-air temperature range.
3.
Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground.
4.
Typical values are at VCC=5.0V, TA= +25˚C ambient.
5.
This parameter is specified but not tested.
6.
Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or sample
and hold techniques are preferable in order to minimize internal chip heating and more accurately reflect operational values. Otherwise prolonged shorting
of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parametric tests. In any sequence of parameter
tests, IOS tests should be performed last.
7.
Tested at +25˚C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com