Electronic Components Datasheet Search
  English  ▼

X  

DS3680 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS3680
Description  QUAD TELEPHONE RELAY DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS3680 Datasheet(HTML) 2 Page - Texas Instruments

  DS3680 Datasheet HTML 1Page - Texas Instruments DS3680 Datasheet HTML 2Page - Texas Instruments DS3680 Datasheet HTML 3Page - Texas Instruments DS3680 Datasheet HTML 4Page - Texas Instruments DS3680 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS3680
QUAD TELEPHONE RELAY DRIVER
SLRS014C – MARCH 1986 – REVISED SEPTEMBER 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range at BAT NEG, VBAT– (see Note 1)
– 70 V to 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range with respect to BAT GND
– 70 V to 20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range with respect to BAT NEG
– 0.5 V to 70 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 2)
±20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO: Resistive load
– 100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Inductive load
– 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Inductive output load
5 H
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES:
1. All voltages are with respect to BAT GND, unless otherwise specified.
2. Differential input voltages are at the noninverting input terminal IN + with respect to the inverting input terminal IN –.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
D
950 mW
7.6 mW/
°C
608 mW
N
1150 mW
9.2 mW/
°C
736 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VBAT –
–10
–60
V
Input voltage, either input
–20†
20
V
High-level differential input voltage, VIDH
2
20
V
Low-level differential input voltage, VIDL
–20†
0.8
V
Operating free-air temperature, TA
0
70
°C
† The algebraic convention, in which the less positive (more negative) limit is designated minimum, is used in this data sheet for input voltage levels.
electrical characteristics over recommended operating free-air temperature range, VBAT– = –52 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
IIH
High level input current (into IN + )
VID = 2 V
40
100
µA
IIH
High-level input current (into IN + )
VID = 7 V
375
1000
µA
IIL
Low level input current (into IN + )
VID = 0.4 V
0.01
5
µA
IIL
Low-level input current (into IN + )
VID = – 7 V
–1
– 100
µA
VO(on)
On-stage output voltage
IO = 50 mA,
VID = 2 V
– 1.6
– 2.1
V
IO( ff)
Off stage output current
VO =VBAT
VID = 0.8 V
–2
– 100
µA
IO(off)
Off-stage output current
VO = VBAT –
Inputs open
–2
– 100
µA
IR
Clamp diode reverse current
VO = 0
2
100
µA
VOK
Output clamp voltage
IO = 50 mA
0.9
1.2
V
VOK
Output clamp voltage
IO = – 50 mA,
VBAT – = 0
– 0.9
– 1.2
V
IBAT(on)
On-state battery current
All drivers on
–2
– 4.4
mA
IBAT(off)
Off-state battery current
All drivers off
–1
– 100
µA
‡ All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com