Electronic Components Datasheet Search
  English  ▼

X  

GD75323 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # GD75323
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GD75323 Datasheet(HTML) 4 Page - Texas Instruments

  GD75323 Datasheet HTML 1Page - Texas Instruments GD75323 Datasheet HTML 2Page - Texas Instruments GD75323 Datasheet HTML 3Page - Texas Instruments GD75323 Datasheet HTML 4Page - Texas Instruments GD75323 Datasheet HTML 5Page - Texas Instruments GD75323 Datasheet HTML 6Page - Texas Instruments GD75323 Datasheet HTML 7Page - Texas Instruments GD75323 Datasheet HTML 8Page - Texas Instruments GD75323 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GD75323
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS213A – JANUARY 1996 – REVISED JUNE 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC (see Note 1)
10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VDD (see Note 1)
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VSS (see Note 1)
– 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: Driver
–15 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver
– 30 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (Driver)
– 15 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Low-level output current, IOL (Receiver)
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DW package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are with respect to the network ground terminal.
2. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace
length of zero.
recommended operating conditions
MIN
NOM
MAX
UNIT
VDD
7.5
9
13.5
Supply voltage
VSS
– 7.5
–9
– 13.5
V
VCC
4.5
5
5.5
High-level input voltage, VIH
Driver
1.9
V
Low-level input voltage, VIL
Driver
0.8
V
High level output current IOH
Driver
–6
mA
High-level output current, IOH
Receiver
– 0.5
mA
High level output current IOL
Driver
6
mA
High-level output current, IOL
Receiver
16
mA
Operating free-air temperature,TA
0
70
°C
supply currents over operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
All inputs at 1 9 V
No load
VDD = 9 V,
VSS = – 9 V
25
mA
IDD
Supply current from VDD
All inputs at 1.9 V,
No load
VDD = 12 V,
VSS = – 12 V
32
mA
IDD
Supply current from VDD
All inputs at 0 8 V
No load
VDD = 9 V,
VSS = – 9 V
7.5
mA
All inputs at 0.8 V,
No load
VDD = 12 V,
VSS = – 12 V
9.5
mA
All inputs at 1 9 V
No load
VDD = 9 V,
VSS = – 9 V
–25
mA
ISS
Supply current from VSS
All inputs at 1.9 V,
No load
VDD = 12 V,
VSS = – 12 V
–32
mA
ISS
Supply current from VSS
All inputs at 0 8 V
No load
VDD = 9 V,
VSS = – 9 V
– 5.3
mA
All inputs at 0.8 V,
No load
VDD = 12 V,
VSS = – 12 V
– 5.3
mA
ICC
Supply current from VCC
VCC= 5 V,
All inputs at 5 V,
No load
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com