Electronic Components Datasheet Search
  English  ▼

X  

75232 Datasheet(PDF) 4 Page - Texas Instruments

Part # 75232
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

75232 Datasheet(HTML) 4 Page - Texas Instruments

  75232 Datasheet HTML 1Page - Texas Instruments 75232 Datasheet HTML 2Page - Texas Instruments 75232 Datasheet HTML 3Page - Texas Instruments 75232 Datasheet HTML 4Page - Texas Instruments 75232 Datasheet HTML 5Page - Texas Instruments 75232 Datasheet HTML 6Page - Texas Instruments 75232 Datasheet HTML 7Page - Texas Instruments 75232 Datasheet HTML 8Page - Texas Instruments 75232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
GD75232
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS206C – MAY 1995 – REVISED JULY 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
7.5
9
15
V
Supply voltage, VSS
– 7.5
–9
–15
V
Supply voltage, VCC
4.5
5
5.5
V
High-level input voltage, VIH (driver only)
1.9
V
Low-level input voltage, VIL (driver only)
0.8
V
High level output current IOH
Driver
–6
mA
High-level output current, IOH
Receiver
– 0.5
mA
Low level output current IOL
Driver
6
mA
Low-level output current, IOL
Receiver
16
mA
Operating free-air temperature, TA
0
70
°C
supply currents over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VDD = 9 V,
VSS = – 9 V
15
All inputs at 1.9 V,
No load
VDD = 12 V,
VSS = – 12 V
19
mA
IDD
Supply current from VDD
VDD = 15 V,
VSS = – 15 V
25
IDD
Supply current from VDD
VDD = 9 V,
VSS = – 9 V
4.5
All inputs at 0.8 V,
No load
VDD = 12 V,
VSS = – 12 V
5.5
mA
VDD = 15 V,
VSS = – 15 V
9
VDD = 9 V,
VSS = – 9 V
–15
All inputs at 1.9 V,
No load
VDD = 12 V,
VSS = – 12 V
–19
mA
ISS
Supply current from VSS
VDD = 15 V,
VSS = – 15 V
–25
ISS
Supply current from VSS
VDD = 9 V,
VSS = – 9 V
– 3.2
All inputs at 0.8 V,
No load
VDD = 12 V,
VSS = – 12 V
– 3.2
mA
VDD = 15 V,
VSS = – 15 V
– 3.2
ICC
Supply current from VCC
VCC = 5 V,
All inputs at 5,
No load
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com