Electronic Components Datasheet Search
  English  ▼

X  

LF411CP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LF411CP
Description  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LF411CP Datasheet(HTML) 1 Page - Texas Instruments

  LF411CP Datasheet HTML 1Page - Texas Instruments LF411CP Datasheet HTML 2Page - Texas Instruments LF411CP Datasheet HTML 3Page - Texas Instruments LF411CP Datasheet HTML 4Page - Texas Instruments LF411CP Datasheet HTML 5Page - Texas Instruments LF411CP Datasheet HTML 6Page - Texas Instruments LF411CP Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LF411
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS011C – MARCH 1987 – REVISED OCTOBER 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Input Bias Current, 50 pA Typ
D Low Input Noise Current, 0.01 pA/√Hz Typ
D Low Supply Current, 2 mA Typ
D High Input impedance, 1012 Ω Typ
D Low Total Harmonic Distortion
D Low 1/f Noise Corner, 50 Hz Typ
D Package Options Include Plastic
Small-Outline (D) and Standard (P) DIPs
description
This device is a low-cost, high-speed, JFET-input operational amplifier with very low input offset voltage and
a maximum input offset voltage drift. It requires low supply current, yet maintains a large gain-bandwidth product
and a fast slew rate. In addition, the matched high-voltage JFET input provides very low input bias and offset
currents.
The LF411 can be used in applications such as high-speed integrators, digital-to-analog converters,
sample-and-hold circuits, and many other circuits.
The LF411C is characterized for operation from 0
°C to 70°C. The LF411I is characterized for operation from
–40
°C to 85°C.
symbol
–
+
IN –
IN +
OUT
BAL1
BAL2
2
3
1
5
6
AVAILABLE OPTIONS
VIOmax
PACKAGE
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
0
°C to 70°C
2 mV
LF411CD
LF411CP
–40
°C to 85°C
2 mV
LF411ID
LF411IP
The D packages are available taped and reeled. Add the suffix R to the
device type (i.e., LF411CDR).
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
BAL1
IN –
IN +
VCC–
NC
VCC+
OUT
BAL2
D OR P PACKAGE
(TOP VIEW)
NC – No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - LF411CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF411CP TI1-LF411CP Datasheet
395Kb / 11P
JFET-INPUT OPERATIONAL AMPLIFIER
LF411CP TI2-LF411CP Datasheet
435Kb / 13P
JFET-INPUT OPERATIONAL AMPLIFIER
REVISED OCTOBER 1997
LF411CP.A TI2-LF411CP.A Datasheet
435Kb / 13P
JFET-INPUT OPERATIONAL AMPLIFIER
REVISED OCTOBER 1997
LF411CPE4 TI1-LF411CPE4 Datasheet
395Kb / 11P
JFET-INPUT OPERATIONAL AMPLIFIER
LF411CPE4 TI2-LF411CPE4 Datasheet
435Kb / 13P
JFET-INPUT OPERATIONAL AMPLIFIER
REVISED OCTOBER 1997
More results

Similar Description - LF411CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL070 TI-TL070 Datasheet
238Kb / 15P
JFET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL070 TI-TL070_06 Datasheet
299Kb / 16P
JFET-INPUT OPERATIONAL AMPLIFIER
TL080 TI-TL080_06 Datasheet
222Kb / 13P
JFET-INPUT OPERATIONAL AMPLIFIER
TL082-Q1 TI1-TL082-Q1 Datasheet
345Kb / 15P
JFET-INPUT OPERATIONAL AMPLIFIER
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
JFET-INPUT OPERATIONAL AMPLIFIER
OPA659 TI1-OPA659 Datasheet
1Mb / 35P
JFET-Input Operational Amplifier
LF411 TI1-LF411_14 Datasheet
395Kb / 11P
JFET-INPUT OPERATIONAL AMPLIFIER
LF356-MIL TI1-LF356-MIL Datasheet
1Mb / 28P
JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com