Electronic Components Datasheet Search
  English  ▼

X  

LM285 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM285
Description  MICROPOWER VOLTAGE REFERENCES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM285 Datasheet(HTML) 5 Page - Texas Instruments

  LM285 Datasheet HTML 1Page - Texas Instruments LM285 Datasheet HTML 2Page - Texas Instruments LM285 Datasheet HTML 3Page - Texas Instruments LM285 Datasheet HTML 4Page - Texas Instruments LM285 Datasheet HTML 5Page - Texas Instruments LM285 Datasheet HTML 6Page - Texas Instruments LM285 Datasheet HTML 7Page - Texas Instruments LM285 Datasheet HTML 8Page - Texas Instruments LM285 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LM2851.2, LM3851.2, LM385B1.2
MICROPOWER VOLTAGE REFERENCES
SLVS075H − APRIL 1989 − REVISED FEBRUARY 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
TA = −55°C to 125°C
VR − Reverse Voltage − V
0.1
1
10
100
REVERSE CURRENT
vs
REVERSE VOLTAGE
Figure 2
10
1
0.1
0.01
−4
0
4
8
12
16
IR − Reverse Current − mA
REFERENCE VOLTAGE CHANGE
vs
REVERSE CURRENT
100
TA = −55°C to 125°C
FORWARD VOLTAGE
vs
FORWARD CURRENT
Figure 3
0.01
0.1
1
10
100
0.8
1.2
0.4
0
IF − Forward Current − mA
TA = 25°C
Figure 4
105
125
85
65
45
25
5
−15
−35
−55
1.225
1.23
1.235
1.24
1.245
TA − Free-Air Temperature − °C
REFERENCE VOLTAGE
vs
FREE-AIR TEMPERATURE
1.220
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com