Electronic Components Datasheet Search
  English  ▼

X  

LM336-2.5LP Datasheet(PDF) 5 Page - Texas Instruments

Part # LM336-2.5LP
Description  2.5-V INTEGRATED REFERENCE CIRCUITS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM336-2.5LP Datasheet(HTML) 5 Page - Texas Instruments

  LM336-2.5LP Datasheet HTML 1Page - Texas Instruments LM336-2.5LP Datasheet HTML 2Page - Texas Instruments LM336-2.5LP Datasheet HTML 3Page - Texas Instruments LM336-2.5LP Datasheet HTML 4Page - Texas Instruments LM336-2.5LP Datasheet HTML 5Page - Texas Instruments LM336-2.5LP Datasheet HTML 6Page - Texas Instruments LM336-2.5LP Datasheet HTML 7Page - Texas Instruments LM336-2.5LP Datasheet HTML 8Page - Texas Instruments LM336-2.5LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LM2362.5, LM3362.5, LM336B2.5
2.5V INTEGRATED REFERENCE CIRCUITS
SLVS063E − NOVEMBER 1988 − REVISED OCTOBER 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
2.49 k
Ω
2.5 V
LM236-2.5
LM336-2.5
LM336B-2.5
5 V
NC
Figure 4. 2.5-V Reference
2.49 k
Ω
LM236-2.5
LM336-2.5
LM336B-2.5
IN457 †
IN457 †
10 k
Ω‡
5 V
† Any silicon signal diode
‡ Adjust to 2.49 V
2.5 V
Figure 5. 2.5-V Reference
With Minimum Temperature Coefficient
LM336-2.5
LM336-2.5
LM336B-2.5
LM334
V+
V−
3.5 V to 40 V
68.1
Ω
VO = 2.5 V
R
NC
Figure 6. Wide-Input-Range Reference



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com