Electronic Components Datasheet Search
  English  ▼

X  

UHT Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # UHT
Description  LOUDSPEAKER APPLIANCES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

UHT Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  UHT Datasheet HTML 1Page - Gamewell-FCI by Honeywell UHT Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LOUDSPEAKER
APPLIANCES
UDT, UHT SERIES
Specifications are provided for information only, are not
intended to be used for installation purposes and are
believed to be accurate. However, no responsibility is
assumed by Fire Control Instruments for their use. Speci-
fications subject to change without notice.
© 2003All Rights Reserve d
www.firecontrolinstruments.com
9020-0308/VER. 1.4
Page 1of 2
Building Intelligent Networks
An ISO 9001 Company
DESCRIPTION
FCI loudspeaker notification appliances are
U.L.Listed for Emergency Fire Alarm Voice
Evacuation Systems under U.L. Standard
1480.The devices consist of a preassembled
4 or 8-inch speaker with fire retardant and
moisture resistant cone with whizzer, 70.7
volt line transformer and line supervision ca-
pacitor installed on a U.L. Listed square or
round grille.
A variety of U.L. Listed enclosures is also
available and must be used with the appro-
priate speaker/transformer/ grille package in
order to comply with U.L. Listing require-
ments.The superior performance and high
quality of these speaker assemblies allow their
use, when permitted, as background music
reproducers in addition to emergency use.
.
SPECIFICATIONS
SPEAKER
Ceramic magnet
Frequency response
Output (1Watt input)
Voice coil (8 ohm)
TRANSFORMER
Primary volts
Power rating (multi-tap)
Insertion loss
Terminations
UDT
5 oz.
400 Hz - 4kHz.
94 dB @ 1 mtr
¾-inch diameter
70.7Vrms
¼, ½ & 1Wa t t
1.5 dB
6” color-coded
UHT
10 oz.
50 Hz - 15 kHz.
95 dB @ 1 mtr
1-inch diameter
70.7Vrms
½, 1, 2 & 5Watt multi-tap
1.5 dB
6” color-coded
ORDERING INFORMATION
SPEAKER
Part No.
136-48931
136-48831
136-50931
136-50831
Model
UDT7C-B-U52-4
UDT7C-B-U162-4
UHT70C-U51-8
UHT70C-U161-8
Size/Shape
4” dia. round , flush
4” square, flush
8” dia. round
8” square
Finish
White enamel
White enamel
White enamel
White enamel
ENCLOSURES
Part No.
136-98902
136-99830
Model
U95-8
USE175-4
Description
Recessed round enclosure
Surface square enclosure
Size
11¾ dia. x 4¼ inches deep
115/8 x 115/8 x 4 inches deep
Required Enclosure
See Fig. 1
See Fig. 1
U95-8
USE175-4


Similar Part No. - UHT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
UHT2R1421C SCHNEIDER-UHT2R1421C Datasheet
150Kb / 2P
HORIZONTAL METER RINGLESS 100A 2 POS.
UHT3R2352U SCHNEIDER-UHT3R2352U Datasheet
105Kb / 2P
Horizontal meter sockets, 3 ringless sockets, horn bypass, 4 jaws, OH, UG, 200 A
UHTRP242363 SCHNEIDER-UHTRP242363 Datasheet
74Kb / 2P
METER SOCKET RINGLESS HORN UG PED 200A
UHTRS101B SCHNEIDER-UHTRS101B Datasheet
164Kb / 3P
Individual meter socket, ringless socket, horn bypass, 4 jaws no release, OH, UG, 125 A, up to 600 VAC single phase 3W
UHTRS202B SCHNEIDER-UHTRS202B Datasheet
121Kb / 2P
METER SOCKET RINGLESS HORN OH 200A
More results

Similar Description - UHT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4855 STMICROELECTRONICS-TS4855 Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Apr-2003
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
STMicroelectronics
TS4855 STMICROELECTRONICS-TS4855_04 Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Mar-2004
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
Office Equipment Household Appliances
logo
STMicroelectronics
AN3340 STMICROELECTRONICS-AN3340 Datasheet
3Mb / 24P
Loudspeaker characterization and compensation
11-Feb-2011
logo
Fairchild Semiconductor
FDD1600N10ALZ FAIRCHILD-FDD1600N10ALZ Datasheet
1Mb / 10P
Consumer Appliances
logo
Silicon Laboratories
AN522 SILABS-AN522 Datasheet
1Mb / 8P
TOUCHLESS LAVATORY APPLIANCES
logo
Adels-Contact
1697P5 ADELS-1697P5 Datasheet
122Kb / 2P
Lighting, Installation, Electrical Appliances
12/11/2019
logo
NF Forward USA Inc
NF75 NFFORWARD-NF75 Datasheet
2Mb / 3P
Household electrical appliances
Ver. 2209-1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com