Electronic Components Datasheet Search
  English  ▼

X  

ALU Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # ALU
Description  ANALOG LOOP UNIT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ALU Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  ALU Datasheet HTML 1Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
The Analog Loop Unit (ALU) provides the 7200 Series Fire Alarm Control panel with the ability to communicate with
analog addressable initiating devices and control points. It mounts in any available module position.
Each ALU provides two (2) signaling line circuits, each of which can be wired similar to NFPA Style 6 or 7 (Class “A”) or
Style 4 (Class “B”). Each of these circuits can address up to 197 points, (99 analog sensors and 98 monitor/control points for
a maximum of 394 points per ALU. Up to fifteen (15) ALU units can be accommodated by one 7200 Series control panel.
Each signaling line circuit also monitors the sensitivity and automatically tests all connected analog smoke sensors. The
drift compensation software of each ALU unit overcomes the effects of aging or environment on sensor sensitivity, providing
a dependable alarm threshold. “Dirty” and “Very Dirty” indications are made when the sensor drifts beyond acceptable limits.
Sensors can automatically change sensitivity within a specific time to be matched to their real-life environment. Signal
processing for alarm verification is also available to provide a greater immunity to false alarms.
The ALU signaling line circuits each have a red “ALARM” LED and a yellow “TROUBLE” LED, along with a circuit
“DISCONNECT” user switch, for individual circuit control and programming functions.
A pluggable terminal block is provided with each unit for the connection of field wiring. This block will accommodate wire
sizes up to 12 AWG.
The ALU will accommodate FCI approved, UL Listed and FM Approved model ASD-I, ASD-P, ATD series sensors, AMM
series monitoring modules, and AOM series control modules.
The ALU unit occupies a full-size space in the cabinet.
TECHNICAL INFORMATION
Voltage
24 VDC (nominal)
Supervisory current
0.065 amp. maximum (supervisory)
Alarm current
0.085 amp. (alarm)
Short circuit current
0.75 amp. max. (short circuit)
ORDERING INFORMATION
Part No.
Model
Description
1120-0503
ALU
Analog Loop Unit
7200 SERIES
ALU
ANALOG LOOP UNIT
301 2nd Ave Waltham, MA 02451-1133 USA TEL: (781) 487-0088 FAX: (781) 370-4132
Specifications are provided for information only and are believed to be accurate. However, no responsibility is assumed by Fire Control Instruments, Inc. for their use.
Specifications subject to change without notice.
© 1997 All Rights Reserved
9020-0327/Ver. 1.4


Similar Part No. - ALU

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
ALU10C-ALUCR-NABK-C1 HELLERMANNTYTON-ALU10C-ALUCR-NABK-C1 Datasheet
410Kb / 4P
Aluminium P-Clips
ALU11C-ALUCR-NABK-C1 HELLERMANNTYTON-ALU11C-ALUCR-NABK-C1 Datasheet
410Kb / 4P
Aluminium P-Clips
ALU12-ALU-NA-C1 HELLERMANNTYTON-ALU12-ALU-NA-C1 Datasheet
410Kb / 4P
Aluminium P-Clips
ALU13C-AL/CR-BK HELLERMANNTYTON-ALU13C-AL/CR-BK Datasheet
180Kb / 4P
Aluminium P-Clamps
ALU15C-ALUCR-NABK-C1 HELLERMANNTYTON-ALU15C-ALUCR-NABK-C1 Datasheet
410Kb / 4P
Aluminium P-Clips
More results

Similar Description - ALU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD538 AD-AD538 Datasheet
167Kb / 11P
Real-Time Analog Computational Unit ACU
logo
Hitachi Semiconductor
HD46508 HITACHI-HD46508 Datasheet
1Mb / 20P
ADU(Analog Data Acquisition Unit)
logo
Analog Devices
CN-0300 AD-CN-0300 Datasheet
375Kb / 7P
Complete Closed-Loop Precision Analog Microcontroller Thermocouple
REV. A
AD538BDZ AD-AD538BDZ Datasheet
511Kb / 17P
Real-Time Analog Computational Unit (ACU)
Rev. E
AD538 AD-AD538_15 Datasheet
547Kb / 17P
Real-Time Analog Computational Unit
Rev. E
logo
Microchip Technology
MCP19124 MICROCHIP-MCP19124 Datasheet
1Mb / 236P
Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
06/23/16
logo
Contec Co., Ltd
AI-1664LAX-USB CONTEC-AI-1664LAX-USB Datasheet
697Kb / 5P
Analog Input Unit for USB
AO-1604LX-USB CONTEC-AO-1604LX-USB Datasheet
910Kb / 5P
High-Resolution Analog Output Unit for USB
logo
Omron Electronics LLC
CJ1W-PDC OMRON-CJ1W-PDC Datasheet
2Mb / 42P
CJ-series Process Analog I/O Unit
logo
Pepperl+Fuchs Inc.
LC20-DT PF-LC20-DT Datasheet
2Mb / 4P
Diagnostic unit for loop detector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com