Electronic Components Datasheet Search
  English  ▼

X  

MS-2 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # MS-2
Description  Dual action fire alarm station
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

MS-2 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  MS-2 Datasheet HTML 1Page - Gamewell-FCI by Honeywell MS-2 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MS SERIES
9020-0358 Rev. I Page 2 of 2
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
www.gamewell.fci.com
Specifications are provided for information only, are not intended to be used for installation purposes and are believed to be accurate.
However, no responsibility is assumed by Gamewell-FCI, for their use. Specifications subject to change without notice.
© 2006 All Rights Reserved
AGENCY APPROVALS
UL (Std 38)
FM (MS-2)
(MS-6, MS-6T)
C.S.F.M.
NYC-BS&A (MS-2)
NYC-MEA (MS-6)
File S2465
OJ3A9.AY/12880
1D4A7.AY
7150-0694:107
960-81-SA
103-93-E
Extruded 6063/T5 aluminium
Clear anodize
Enclosed toggle
Enclosed push button
Silver plated bronze or copper
6 amp. max. @ 30 VDC (resistive)
0.5 amp. max. @ 30 VDC (resistive)
5” H x 3.4” W x 2.8” D (12.7 cm x 8.64 cm x 7.11 cm)
SPECIFICATIONS
Material (MS-2, MS-6)
Doors (MS-2, MS-6)
Switch Type
MS-2
MS-6
Contact Material
Contact Ratings
MS-2
MS-6
Dimensions (overall)
MS-2, MS-6
ORDERING INFORMATION
Part No.
1100-0615
1100-0634
1100-0621
1100-0617
1100-0632
1100-0633
2520-0023
1120-0206
Model
MS-2
MS-2H
MS-2L
MS-2-D
MS-6
MS-6T
BB-2
Description
Dual action fire alarm station
Dual action station with
“FIRE SUPPRESSION SYSTEM RELEASE” markings
Institutional fire alarm station
Dual action station with DPST switch
Single action station, wire leads
Single action station, terminals
Surface back box for MS-2, MS-6 stations
Package of two replacement breakglass rods for MS-2 station



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com