Electronic Components Datasheet Search
  English  ▼

X  

LT1030CD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LT1030CD
Description  QUADRUPLE LOW-POWER LINE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1030CD Datasheet(HTML) 2 Page - Texas Instruments

  LT1030CD Datasheet HTML 1Page - Texas Instruments LT1030CD Datasheet HTML 2Page - Texas Instruments LT1030CD Datasheet HTML 3Page - Texas Instruments LT1030CD Datasheet HTML 4Page - Texas Instruments LT1030CD Datasheet HTML 5Page - Texas Instruments LT1030CD Datasheet HTML 6Page - Texas Instruments LT1030CD Datasheet HTML 7Page - Texas Instruments LT1030CD Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LT1030C
QUADRUPLE LOW-POWER LINE DRIVER
SLLS048F – APRIL 1989 – REVISED APRIL 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
STROBE
ON/OFF
G1
13
EN
4
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
OUT1
3
OUT2
6
OUT3
8
OUT4
11
1
2
IN1
5
IN2
9
IN3
12
IN4
logic diagram
OUT1
ON/OFF
STROBE
IN1
3
13
4
2
OUT2
IN2
6
5
OUT3
IN3
8
9
OUT4
IN4
11
12
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
GND
7
Ground terminal
IN1
IN2
IN3
IN4
2
5
9
12
Logic inputs. INx operate properly on TTL or CMOS levels. Output valid from VI = VCC– + 2 V to 15 V. Connect to 5 V
when not used.
ON/OFF
4
ON/OFF shuts down the entire circuit. It cannot be left open. For normally on operation, connect between 5 V and 10 V.
If VIL is at or near 0.8 V, significant settling time may be required.
OUT1
OUT2
OUT3
OUT4
3
6
8
11
Line driver outputs
STROBE
13
STROBE forces all outputs low. Drive with 3 V. Strobe terminal input impedance is approximately 2 k
Ω to GND. Leave
STROBE open when not used.
VCC+
14
Positive supply
VCC–
1
Negative supply



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com