Electronic Components Datasheet Search
  English  ▼

X  

SN75188N Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75188N
Description  QUADRUPLE LINE DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75188N Datasheet(HTML) 2 Page - Texas Instruments

  SN75188N Datasheet HTML 1Page - Texas Instruments SN75188N Datasheet HTML 2Page - Texas Instruments SN75188N Datasheet HTML 3Page - Texas Instruments SN75188N Datasheet HTML 4Page - Texas Instruments SN75188N Datasheet HTML 5Page - Texas Instruments SN75188N Datasheet HTML 6Page - Texas Instruments SN75188N Datasheet HTML 7Page - Texas Instruments SN75188N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC1488, SN55188, SN75188
QUADRUPLE LINE DRIVERS
SLLS094B – SEPTEMBER 1983 – REVISED MAY 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
4Y
3Y
2Y
1Y
13
12
10
9
5
4
2
11
8
6
3
4B
4A
3B
3A
2B
2A
1A
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
Pin numbers shown are for the D and N packages.
&
logic diagram (positive logic)
9
5
4
2
10
12
13
4Y
3Y
2Y
1Y
1A
2A
2B
3A
3B
4A
4B
11
8
6
3
Positive logic
Y = A (driver 1)
Y = AB or A + B (drivers 2 thru 4)
schematic (each driver)
Output
300
Ω
70
Ω
3.7 k
Ω
10 k
Ω
To Other Drivers
VCC –
Drivers
Other
To
GND
3.6 k
Ω
Input(s)
B
A
VCC +
70
Ω
6.2 k
Ω
8.2 k
Ω
Drivers
To Other
Resistor values shown are nominal.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com