Electronic Components Datasheet Search
  English  ▼

X  

FLEX4 Datasheet(PDF) 4 Page - Gamewell-FCI by Honeywell

Part # FLEX4
Description  Conventional Fire Alarm Control Panels
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FLEX4 Datasheet(HTML) 4 Page - Gamewell-FCI by Honeywell

  FLEX4 Datasheet HTML 1Page - Gamewell-FCI by Honeywell FLEX4 Datasheet HTML 2Page - Gamewell-FCI by Honeywell FLEX4 Datasheet HTML 3Page - Gamewell-FCI by Honeywell FLEX4 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
Model
Description
Flex 4
Four-zone, expandable, microprocessor-based Fire Alarm Control Panel with 4
Class B (Style B) or 2 Class A (Style D) Initiating Device Circuits (IDCs), 2 Class
A/B (Style Z/Y) Notification Appliance Circuits (NACs) and a 6 Amp power supply.
Expandable up to 8 Class B (Style B) IDCs or 4 Class A (Style D) and 4 Class A/
B (Style Z/Y) NACs. Allows for installation of one DACT Digital Alarm Communi-
cator Transmitter or one PRM Polarity Reversal / City Tie Module and one RY4 or
RY8 Auxiliary Relay Module. Red, surface- or flush-mount enclosure with CAT-60
key locked door.
Flex 8
Eight-zone, microprocessor-based Fire Alarm Control Panel with 8 Class B (Style
B) or 4 Class A (Style D) Initiating Device Circuits, 4 Class A/B (Style Z/Y)
Notification Appliance Circuits and a 6 Amp Power Supply. Allows for Installation
of one DACT Digital Alarm Communicator Transmitter or one PRM Polarity
Reversal / City Tie Module and one RY4 or RY8 Auxiliary Relay Module. Red,
surface- or flush-mount enclosure with CAT-60 key locked door.
Accessories
CEM
Circuit Expander Module to field modify a Flex 4 to a Flex 8
DACT
Digital Alarm Communicator Transmitter Module. Transmits in ADEMCO Contact
ID and SIA-DCS protocols. CFG configuration and diagnostics tool is required for
programming.
PRM
Polarity Reversal / City Tie Module. (Note: Only one of a DACT or PRM module
can be used with the Flex 4 or Flex 8).
RY4
Auxiliary Relay Module with 4 configurable, Form-C relays. Relays programmable
for: Relay-by-Zone, Common Alarm, Common Supervisory, etc.
RY8
Auxiliary Relay Module with 8 configurable, Form-C relays. Relays programmable
for: Relay-by-Zone, Common Alarm, Common Supervisory, etc.
RTI
Remote Trouble Indicator with trouble LED and piezo buzzer.
RA8
Remote Annunciator with common control features, indicators and 8 bi-colored
LEDs.
30177
UL Listed, End-of-Line Resistor assembly with wire leads and spade lugs.
CFG
Hand-held Configuration and Diagnostics programming tool for DACT.
71954-M
Set of Manuals for the Flex 4 and Flex 8 product line
72052
Flex 4 and Flex 8 Main Board/Display replacement.
Batteries
B12V4
Battery, 12 VDC, 4 Ampere Hour (2 required per panel).
B12V7
Battery, 12 VDC, 7 Ampere Hour (2 required per panel).
B12V12
Battery, 12 VDC, 12 Ampere Hour (2 required per panel).
The Gamewell Company
Voice (508) 231-1400
60 Pleasant St.
888-FIREBOX
• (888) 347-3269
Ashland, MA 01721
FAX (508) 231-0900
www.gamewell.com
Gamewell 2001
Specifications and wiring information are provided for information only and are believed to be accurate. Gamewell assumes no responsi-
bility for their use. Data and design are subject to change without notice. Installation and wiring instructions shipped with the product
shall always be used for actual installation. For more information, contact Gamewell.
CS-2081 Rev. 1201-3
Page 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com